Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 92 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 92 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 88Page - Texas Instruments DP83826AI Datasheet HTML 89Page - Texas Instruments DP83826AI Datasheet HTML 90Page - Texas Instruments DP83826AI Datasheet HTML 91Page - Texas Instruments DP83826AI Datasheet HTML 92Page - Texas Instruments DP83826AI Datasheet HTML 93Page - Texas Instruments DP83826AI Datasheet HTML 94Page - Texas Instruments DP83826AI Datasheet HTML 95Page - Texas Instruments DP83826AI Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
Table 8-92. SOR2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
14
XMII_ISOLATE_EN
RH
0h
Applicable in BASIC Mode. Controls the MII Isolation bit field in
register BMCR[10]
0h = No Isolation
1h = MAC pins Isolated
13
RESERVED
R
0h
Reserved
12
CRS_DV_vs_RX_DV
RH
0h
RMII mode RX_DV pin as CRS_DV or RX_DV
0h = RMI CRS_DV
1h = RMII RX_DV
11
LED_3_POLARITY
RH
0h
LED3 Polarity Detection. Controls the LED3 Polarity
0h = Active Low polarity setting
1h = Active High polarity setting
10
LED_2_POLARITY
RH
0h
LED2 Polarity Detection. Controls the LED2 Polarity
0h = Active Low polarity setting
1h = Active High polarity setting
9
CFG_LED_LINK_POL
RH
1h
Link LED Polarity Detection. Controls the LED0 Polarity
0h = Active Low polarity setting
1h = Active High polarity setting
8
CFG_FLD_EN
RH
0h
Status of Fast Link Drop.
0h = FLD Disabled
1h = FLD Enabled. See CR3[10,3:0] for more information
7
CFG_AMDIX
RH
1h
AMDIX Enable. This captures the inversion of AMDIX_DIS strap
0h = AMDIX Disable
1h = AMDIX Enable
6
RESERVED
R
0h
Reserved
5
LED_SPEED_POL
RH
0h
Speed LED Polarity Detection. Controls the LED1 Polarity
0h = Active Low polarity setting
1h = Active High polarity setting
4
CFG_RMII_MODE
RH
0h
MII/RMII mode Selection
0h = MII
1h = RMII
3
CFG_XI_50_SLAVE
RH
0h
RMII Leader / Follower mode Selection
0h = RMII Leader Mode
1h = RMII Follower Mode
2
CFG_AN_1
R
1h
This is to derive ANAR register bit [8:5]
1
CFG_AN_0
R
1h
This is to derive ANAR register bit [8:5]
0
CFG_AN_EN
R
1h
ANEG Enable. This captures the inversion of ANEG_DIS
8.5.1.71 LEDCFG2 Register (Offset = 469h) [Reset = 0XXXh]
LEDCFG2 Register is shown in Table 8-93.
Return to the Summary Table.
Table 8-93. LEDCFG2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-11
RESERVED
R
0h
Reserved
10
LED3_polarity
RH/W
X
led 3 polarity. Default determined by strap.
0h = active low,
1h = active high
9
LED3_drv_val
R/W
0h
led 3 drive value
8
LED3_drv_en
R/W
0h
led 3 drive enable
0h = Normal operation
1h = drive LED polarity,
7
RESERVED
R
0h
Reserved
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
92
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com