Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 34 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 34 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 30Page - Texas Instruments DP83826AI Datasheet HTML 31Page - Texas Instruments DP83826AI Datasheet HTML 32Page - Texas Instruments DP83826AI Datasheet HTML 33Page - Texas Instruments DP83826AI Datasheet HTML 34Page - Texas Instruments DP83826AI Datasheet HTML 35Page - Texas Instruments DP83826AI Datasheet HTML 36Page - Texas Instruments DP83826AI Datasheet HTML 37Page - Texas Instruments DP83826AI Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
8.3.10 Reduced Media Independent Interface (RMII)
The DP83826Ax incorporates the reduced media-independent interface (RMII) as specified in the RMII
specification v1.2. The purpose of this interface is to provide a reduced pin count alternative to the IEEE 802.3
MII as specified in Clause 22. Architecturally, the RMII specification provides an additional reconciliation layer
on either side of the MII, but can be implemented in the absence of an MII. The DP83826Ax offers two types
of RMII operations: RMII Follower and RMII Leader. In RMII Leader operation, the DP83826Ax operates from
either a 25MHz CMOS-level oscillator connected to XI pin, a 25MHz crystal connected across XI and XO pins. A
50MHz output clock referenced from DP83826Ax can be connected to the MAC. In RMII Follower operation, the
DP83826Ax operates from a 50MHz CMOS-level oscillator connected to the XI pin and shares the same clock
as the MAC. Alternatively, in RMII follower mode, the PHY can operate from a 50MHz clock provided by the Host
MAC
The RMII specification has the following characteristics:
• Supports 100BASE-TX and 10BASE-Te
• Single clock reference sourced from the MAC to PHY (or from an external source)
• Provides independent 2-bit wide transmit and receive data paths
• Uses CMOS signal levels, the same levels as the MII interface
In this mode, data transfers are 2 bits for every clock cycle using the internal 50MHz reference clock for both
transmit and receive paths.
The RMII signals are summarized below:
Table 8-2. RMII Signals
FUNCTION
PINS
Receive data lines
TX_D[1:0]
Transmit data lines
RX_D[1:0]
Receive control signal
TX_EN
Transmit control signal
CRS_DV
PHY
MAC
TX_EN
TX_D[1:0]
RX_DV (optional)
RX_ER (optional)
RX_D[1:0]
CRS_DV
50-MHz Reference
Clock
XI
Figure 8-5. RMII Follower Signaling
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com