Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 95 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 95 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 91Page - Texas Instruments DP83826AI Datasheet HTML 92Page - Texas Instruments DP83826AI Datasheet HTML 93Page - Texas Instruments DP83826AI Datasheet HTML 94Page - Texas Instruments DP83826AI Datasheet HTML 95Page - Texas Instruments DP83826AI Datasheet HTML 96Page - Texas Instruments DP83826AI Datasheet HTML 97Page - Texas Instruments DP83826AI Datasheet HTML 98Page - Texas Instruments DP83826AI Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
8.5.1.76 RXFPMD3 Register (Offset = 4A4h) [Reset = 0000h]
RXFPMD3 Register is shown in Table 8-98.
Return to the Summary Table.
Table 8-98. RXFPMD3 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
MAC Destination Address
Byte 0
R/W
0h
Perfect Match Data: Configured for MAC Destination Address
7-0
MAC Destination Address
Byte 1
R/W
0h
Perfect Match Data: Configured for MAC Destination Address
8.5.1.77 RXFSOP1 Register (Offset = 4A5h) [Reset = 0000h]
RXFSOP1 Register is shown in Table 8-99.
Return to the Summary Table.
Table 8-99. RXFSOP1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Secure-ON Password
Byte 1
R/W
0h
Secure-ON Password Select: Secure-ON password for Magic
Packets
7-0
Secure-ON Password
Byte 0
R/W
0h
Secure-ON Password Select: Secure-ON password for Magic
Packets
8.5.1.78 RXFSOP2 Register (Offset = 4A6h) [Reset = 0000h]
RXFSOP2 Register is shown in Table 8-100.
Return to the Summary Table.
Table 8-100. RXFSOP2 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Secure-ON Password
Byte 3
R/W
0h
Secure-ON Password Select: Secure-ON password for Magic
Packets
7-0
Secure-ON Password
Byte 2
R/W
0h
Secure-ON Password Select: Secure-ON password for Magic
Packets
8.5.1.79 RXFSOP3 Register (Offset = 4A7h) [Reset = 0000h]
RXFSOP3 Register is shown in Table 8-101.
Return to the Summary Table.
Table 8-101. RXFSOP3 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Secure-ON Password
Byte 5
R/W
0h
Secure-ON Password Select: Secure-ON password for Magic
Packets
7-0
Secure-ON Password
Byte 4
R/W
0h
Secure-ON Password Select: Secure-ON password for Magic
Packets
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com