Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 7Page - Texas Instruments DP83826AI Datasheet HTML 8Page - Texas Instruments DP83826AI Datasheet HTML 9Page - Texas Instruments DP83826AI Datasheet HTML 10Page - Texas Instruments DP83826AI Datasheet HTML 11Page - Texas Instruments DP83826AI Datasheet HTML 12Page - Texas Instruments DP83826AI Datasheet HTML 13Page - Texas Instruments DP83826AI Datasheet HTML 14Page - Texas Instruments DP83826AI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
7.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIO
TX_EN, TX_D[3:0], TX_CLK, RX_D[3:0],
RX_DV, RX_ER, MDIO, MDC, COL/
LED2, CRS, CLKOUT/LED1, INT/PWDN,
RESET, TX_ER
VDDIO at 1.8V ±10%
1.62
1.8
1.98
V
XI oscillator input
1.62
1.8
1.98
V
LED0
1.62
1.8
1.98
V
TX_EN, TX_D[3:0], TX_CLK, RX_D[3:0],
RX_DV, RX_ER, MDIO, MDC, COL/
LED2, CRS, CLKOUT/LED1, INT/PWDN,
RESET, TX_ER
VDDIO at 3.3V ±10%
3.0
3.3
3.6
V
XI oscillator input
3.0
3.3
3.6
V
LED0
3.0
3.3
3.6
V
TA
Operating ambient temperature
DP83826AI
–40
25
85
℃
DP83826AE
–40
25
105
℃
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com