Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 45 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 45 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 41Page - Texas Instruments DP83826AI Datasheet HTML 42Page - Texas Instruments DP83826AI Datasheet HTML 43Page - Texas Instruments DP83826AI Datasheet HTML 44Page - Texas Instruments DP83826AI Datasheet HTML 45Page - Texas Instruments DP83826AI Datasheet HTML 46Page - Texas Instruments DP83826AI Datasheet HTML 47Page - Texas Instruments DP83826AI Datasheet HTML 48Page - Texas Instruments DP83826AI Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
8.3.16 Cable Diagnostics
With the vast deployment of Ethernet devices, the need for a reliable, comprehensive and user-friendly cable
diagnostic tool is more important than ever. The wide variety of cables, topologies and connectors deployed
results in the need to non-intrusively identify and report cable faults. The DP83826Ax offers time domain
reflectometry (TDR) capabilities in the Cable Diagnostic tool kit.
8.3.16.1 Time Domain Reflectometry (TDR)
The DP83826Ax uses TDR to determine the quality of the cables, connectors and terminations in addition
to estimating the cable length. Some of the possible problems that can be diagnosed include opens, shorts,
cable impedance mismatch, bad connectors, termination mismatches, cross faults, cross shorts and any other
discontinuities along the cable.
The DP83826Ax transmits a test pulse of known amplitude (1V) down each of the two pairs of an attached cable.
The transmitted signal continues down the cable and reflects from each cable imperfection, fault, connector and
from the end of the cable. After the pulse transmission, the DP83826Ax measures the return time and amplitude
of all these reflected pulses. This technique enables measuring the distance and magnitude (impedance) of
non-terminated cables (open or short), discontinuities (bad connectors) and improperly terminated cables with ±1
meter accuracy.
For all TDR measurements, the transformation between time of arrival and physical distance is done by the
external host using minor computations (such as multiplication, addition and lookup tables). The host must know
the expected propagation delay of the cable, which depends, among other things, on the cable category (for
example, CAT5, CAT5e, or CAT6).
TDR measurement is allowed in the following scenarios:
• While the link partner is disconnected – cable is unplugged at the other side
• Link partner is connected but remains “quiet” (for example, in power down mode)
• TDR can be automatically activated when the link fails or is dropped
TDR Auto-Run can be enabled by using bit[8] in the Control Register #1 (CR1, address 0x0009). When a
link-drops, TDR automatically executes and stores the results in the respective TDR Cable Diagnostic Location
Result Registers #1 - #5 (CDLRR, addresses 0x0180 to 0x0184) and the Cable Diagnostic Amplitude Result
Registers #1 - #5 (CDLAR, addresses 0x0185 to 0x0189). TDR can also be run manually using bit[15] in the
Cable Diagnostic Control Register (CDCR, address 0x001E). Cable diagnostic status is obtained by reading
bits[1:0] in the CDCR. Additional TDR functions including cycle averaging and crossover disable can be found in
the Cable Diagnostic Specific Control Register (CDSCR, address 0x0170). Refer to the application report Time
Domain Reflectometry with DP83826 for details.
www.ti.com
DP83826AE, DP83826AI
SNLS783 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com