Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 30 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 30 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 26Page - Texas Instruments DP83826AI Datasheet HTML 27Page - Texas Instruments DP83826AI Datasheet HTML 28Page - Texas Instruments DP83826AI Datasheet HTML 29Page - Texas Instruments DP83826AI Datasheet HTML 30Page - Texas Instruments DP83826AI Datasheet HTML 31Page - Texas Instruments DP83826AI Datasheet HTML 32Page - Texas Instruments DP83826AI Datasheet HTML 33Page - Texas Instruments DP83826AI Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
on-LAN interrupt flag configuration and status is located in the MII Interrupt Status Register #2 (MISR2, address
0x0013).
8.3.6 Low Power Modes
The DP83826Ax device supports three low power modes. This section discusses the principles behind these low
power modes and configuration to enable them.
8.3.6.1 Active Sleep
Active sleep mode reduces power consumption when no link partner is connected. The feature can be enabled
during initialization of the PHY by writing the correct bit to the PHYSCR register. The feature can be verified by
reading the BISCR register.
Once Active Sleep in enabled and when the PHY does not detect a cable connection, the PHY automatically
enters active sleep mode. When the device enters this mode, all internal circuitry shuts down except for the SMI
circuitry and energy detection circuitry on the TD± and RD± pins. In active sleep mode, the device transmits
normal link pulses (NLP) every 1.4 seconds to check for the presence of a link partner. When a link partner is
detected, the PHY automatically switches back to Normal mode, powering the rest of the internal circuitry.
The device enables active sleep mode by setting bits[14:12] = 0b110 in the PHY Specific Control Register
(PHYSCR, address 0x0011).
8.3.6.2 IEEE Power-Down
IEEE power-down switch disables all PHY circuitry except the SMI and internal clock circuitry.
IEEE power-down switch can be activated by either register access or through the INTR/PWRDN pin when the
pin is configured for power-down function.
To enable IEEE power-down switch through the INTR/PWRDN pin, the pin must be driven LOW to ground.
To enable IEEE power-down switch through the SMI, set bit[11] = 1 in the BASIC mode Control Register (BMCR,
address 0x0000).
8.3.6.3 Deep Power Down State
A Deep Power Down state (DPD) disables all PHY circuitry except the SMI. In this mode, the device disables the
PHY PLL to further reduce power consumption.
The device uses this sequence to enter DPD state.
1. Enable DPD state (0x0428.2 = 1)
2. Enable IEEE power-down state (pin or 0x0000.11 = 1)
8.3.7 RMII Repeater Mode
The DP83826Ax device provides the option to enable RMII back-to-back repeater mode functionality to extend
cable reach. Two DP83826Ax devices can be connected in RMII repeater mode without need of any external
configuration. The DP83826Ax provides a hardware strap to configure the CRS_DV pin of RMII interface to
RX_DV pin for back-to-back operation. Figure 8-2 and Figure 8-3 show the RMII pin connections that enables
the device to operate in repeater mode.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com