Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DP83826AI Datasheet(PDF) 86 Page - Texas Instruments

No. de pieza DP83826AI
Descripción Electrónicos  DP83826Ax Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI2 [Texas Instruments]
Página de inicio  https://www.ti.com
Logo TI2 - Texas Instruments

DP83826AI Datasheet(HTML) 86 Page - Texas Instruments

Back Button DP83826AI Datasheet HTML 82Page - Texas Instruments DP83826AI Datasheet HTML 83Page - Texas Instruments DP83826AI Datasheet HTML 84Page - Texas Instruments DP83826AI Datasheet HTML 85Page - Texas Instruments DP83826AI Datasheet HTML 86Page - Texas Instruments DP83826AI Datasheet HTML 87Page - Texas Instruments DP83826AI Datasheet HTML 88Page - Texas Instruments DP83826AI Datasheet HTML 89Page - Texas Instruments DP83826AI Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 113 page
background image
Table 8-83. VOD_CFG1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Default
from OTP
Description
13-12
cfg_dac_minus_one_val
_mdix_5_to_4
R/W
3h
Y
LD data for mlt3 encoded data of minus
one in MDIX mode. The 6 bit data is split
into two fields - {cfg_dac_minus_one_val_mdix_5_to_4,
cfg_dac_minus_one_val_mdix_3_to_0}
28h = 150%
29h = 143.75%
2Ah = 137.50%
2Bh = 131.25%
2Ch = 125%
2Dh = 118.75%
2Eh = 112.50%
2Fh = 106.25%
30h = 100%
31h = 93.75%
32h = 87.50%
33h = 81.25%
34h = 75%
35h = 68.75%
36h = 62.50%
37h = 56.25%
38h = 50%
11-6
cfg_dac_minus_one_val
_mdi
R/W
30h
Y
LD data for mlt3 encoded data of minus one in MDI mode.
28h = 150%
29h = 143.75%
2Ah = 137.50%
2Bh = 131.25%
2Ch = 125%
2Dh = 118.75%
2Eh = 112.50%
2Fh = 106.25%
30h = 100%
31h = 93.75%
32h = 87.50%
33h = 81.25%
34h = 75%
35h = 68.75%
36h = 62.50%
37h = 56.25%
38h = 50%
5-0
cfg_dac_zero_val
R/W
0h
Y
LD data for mlt3 encoded data of zero
8.5.1.62 VOD_CFG2 Register (Offset = 30Ch) [Reset = 0410h]
VOD_CFG2 Register is shown in Table 8-84.
Return to the Summary Table.
DP83826AE, DP83826AI
SNLS783 – MAY 2025
www.ti.com
86
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83826AE DP83826AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com