Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 55 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 51Page - Renesas Technology Corp RZ/T1 Datasheet HTML 52Page - Renesas Technology Corp RZ/T1 Datasheet HTML 53Page - Renesas Technology Corp RZ/T1 Datasheet HTML 54Page - Renesas Technology Corp RZ/T1 Datasheet HTML 55Page - Renesas Technology Corp RZ/T1 Datasheet HTML 56Page - Renesas Technology Corp RZ/T1 Datasheet HTML 57Page - Renesas Technology Corp RZ/T1 Datasheet HTML 58Page - Renesas Technology Corp RZ/T1 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 55 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
Table 2.3
DC Characteristics (2) [Power Supply] (1 / 2)
Item
Type
Symbol
typ
max
Unit
Test Conditions
Normal operation
VDD
600MHz
VIcc
330
820
mA
Tj = -40 to 125 °C
(R7S910018CBG,
R7S910118CBG)
273
752
mA
Tj = -40 to 125 °C
(R7S910017CBG,
R7S910117CBG)
265
740
mA
Tj = -40 to 125 °C
(R7S910028CBG,
R7S910128CBG)
258
731
mA
Tj = -40 to 125 °C
(R7S910013CBG,
R7S910113CBG)
209
673
mA
Tj = -40 to 125 °C
(R7S910027CBG,
R7S910127CBG)
201
663
mA
Tj = -40 to 125 °C
(R7S910007CBG,
R7S910107CBG)
450MHz
310
798
mA
Tj = -40 to 125 °C
(R7S910016CBG,
R7S910116CBG)
253
730
mA
Tj = -40 to 125 °C
(R7S910015CBG,
R7S910115CBG)
245
718
mA
Tj = -40 to 125 °C
(R7S910026CBG,
R7S910126CBG)
238
709
mA
Tj = -40 to 125 °C
(R7S910011CBG,
R7S910111CBG)
189
651
mA
Tj = -40 to 125 °C
(R7S910025CBG,
R7S910125CBG)
181
641
mA
Tj = -40 to 125 °C
(R7S910002CBG,
R7S910006CBG,
R7S910102CBG,
R7S910106CBG)
180
640
mA
Tj = -40 to 125 °C
(R7S910001CFP,
R7S910101CFP)
300MHz
225
696
mA
Tj = -40 to 125 °C
(R7S910036CBG,
R7S910136CBG)
169
629
mA
Tj = -40 to 125 °C
(R7S910035CBG,
R7S910135CBG)
PLLVDD0 + PLLVDD1
PLLIcc
3.2
5
mA
VCCQ33
V33Icc
19*1, *2
—mA
AVCC0
AV0Icc
2
5
mA
A/D conversion (unit 0)
AVCC1
AV1Icc
0.7
1.5
mA
A/D conversion (unit 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com