Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 53 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 49Page - Renesas Technology Corp RZ/T1 Datasheet HTML 50Page - Renesas Technology Corp RZ/T1 Datasheet HTML 51Page - Renesas Technology Corp RZ/T1 Datasheet HTML 52Page - Renesas Technology Corp RZ/T1 Datasheet HTML 53Page - Renesas Technology Corp RZ/T1 Datasheet HTML 54Page - Renesas Technology Corp RZ/T1 Datasheet HTML 55Page - Renesas Technology Corp RZ/T1 Datasheet HTML 56Page - Renesas Technology Corp RZ/T1 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 53 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.2
Power On/Off Sequence
Turn on and off each power supply voltage according to the procedure shown in the figure below.
When turning on the power, be sure to fix TRST# pins and RES# pins to the low level. Otherwise, initialization is not
performed successfully.
Note 1. Turn on all power supply voltages and reset signals with a monotonic increase and turn off with a monotonic
decrease.
Note 2. Do not apply a negative voltage to power supply voltages.
Note 3. Before turning on the power, be sure to make reset pins (TRST# and RES#) active (low). Otherwise, inputs and
outputs on the pins may be unstable. If this may also be a problem when turning off the power, make reset pins
(TRST# and RES#) active (low.)
Note:
If the power on/off sequence is not met (out of operation guarantee range), the pin input state and output state
may be undefined.
Figure 2.1
Power On/Off Sequence
Powered down
Power up sequence
Active
Power down sequence
Powered down
(reverse order)
(1)Trisepwr
VDD
1.2 V for Digital
(1)Trisepwr
DVDD_USB
(2)Tdly12
1.2 V for USB
PLLVDD0, PLLVDD1
(2)Tdly12
1.2 V for PLL
(1)Trisepwr
(3)Tdlyana33
AVCC0, AVCC1
VREFH0, VREFH1
3.3 V for Analog
(1)Trisepwr
(4)Tdlyusb33
VDD33_USB
3.3 V for USB
(1)Trisepwr
(5)Tdly33
VCCQ33
3.3 V for I/O
XTAL/EXTAL
(6)Tdlyreset
RES#
TRST#
Oscillation
(7)Trisereset
(8)Tdlypwr
(8)Tdlypwr
(8)Tdlypwr
Timing
No.
Item
Value
min
typ
max
(1)
Trisepwr
100 μs
―
50 ms
(2)
Tdly12
0 ms
―
100 ms
(3)
Tdlyana33
0 ms
―
100 ms
(4)
Tdlyusb33
0 ms
―
100 ms
(5)
Tdly33
0 ms
―
100 ms
(6)
Tdlyreset
10 ms
―
―
(7)
Trisereset
―
―
150 μs
(8)
Tdlypwr
0 ms
―
―



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com