| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/T1 Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/T1 Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 139 page ![]() R01DS0228EJ0200 Rev.2.00 Page 16 of 139 Jun. 30, 2025 RZ/T1 Group 1. Overview Bus state controller (BSC) A25 to A0 Output Output the address. D31 to D0 I/O Input and output the data. CS0# to CS5# Output Output the chip select signal for the external memory or device. RD# Output Outputs the strobe signal which indicates reading is in progress. RD/WR# Output Outputs the strobe signal which indicates the read or write access. BS# Output Outputs the status signal which indicates the start of bus cycles. AH# Output Outputs the address hold signal for the device that uses the multiplexed I/O bus. WAIT# Input Inputs the external wait control signal which inserts a wait cycle into the bus cycles. WE0# Output Outputs the write strobe signal to D7 to D0. WE1# Output Outputs the write strobe signal to D15 to D8. WE2# Output Outputs the write strobe signal to D23 to D16. WE3# Output Outputs the write strobe signal to D31 to D24. DQMLL Output Outputs the data mask enable signal to D7 to D0 when SDRAM is connected. DQMLU Output Outputs the data mask enable signal to D15 to D8 when SDRAM is connected. DQMUL Output Outputs the data mask enable signal to D23 to D16 when SDRAM is connected. DQMUU Output Outputs the data mask enable signal to D31 to D24 when SDRAM is connected. RAS# Output Outputs the low-address strobe signal to the SDRAM. This pin should be connected to the RAS# pin on the SDRAM. CAS# Output Outputs the column-address strobe signal to the SDRAM. This pin should be connected to the CAS# pin on the SDRAM. CKE Output Outputs the clock enable signal to the SDRAM. This pin should be connected to the CKE pin on the SDRAM. Direct memory access controller (DMAC) DREQ0 to DREQ2 Input Input the DMA transfer request signal from the external device. DACK0 to DACK2 Output Output the acknowledge signal which indicates acceptance of the DMA transfer request from the external device. TEND0 to TEND2 Output Output the DMA transfer end signal. Interrupt NMI Input Inputs the non-maskable interrupt request signal. IRQ0 to IRQ15 Input Input the external interrupt request signal. ETH0_INT, ETH1_INT, ETH2_INT Input Input the Ethernet PHY interrupt request signal. Table 1.4 Pin Functions (2 / 7) Classifications Pin Name I/O Description |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |