| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/T1 Datasheet(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/T1 Datasheet(HTML) 18 Page - Renesas Technology Corp |
|
18 / 139 page ![]() R01DS0228EJ0200 Rev.2.00 Page 18 of 139 Jun. 30, 2025 RZ/T1 Group 1. Overview 16-bit timer pulse unit (TPUa) TIOCA0, TIOCB0, TIOCC0, TIOCD0 I/O TGRA0 to TGRD0 input capture input/output compare output/ PWM output pins TIOCA1, TIOCB1 I/O TGRA1 and TGRB1 input capture input/output compare output/ PWM output pins TIOCA2, TIOCB2 I/O TGRA2 and TGRB2 input capture input/output compare output/ PWM output pins TIOCA3, TIOCB3, TIOCC3, TIOCD3 I/O TGRA3 to TGRD3 input capture input/output compare output/ PWM output pins TIOCA4, TIOCB4 I/O TGRA4 and TGRB4 input capture input/output compare output/ PWM output pins TIOCA5, TIOCB5 I/O TGRA5 and TGRB5 input capture input/output compare output/ PWM output pins TCLKA, TCLKB, TCLKC, TCLKD Input External clock input pins for TPUa (unit 0) TIOCA6, TIOCB6, TIOCC6, TIOCD6 I/O TGRA6 to TGRD6 input capture input/output compare output/ PWM output pins TIOCA7, TIOCB7 I/O TGRA7 and TGRB7 input capture input/output compare output/ PWM output pins TIOCA8, TIOCB8 I/O TGRA8 and TGRB8 input capture input/output compare output/ PWM output pins TIOCA9, TIOCB9, TIOCC9, TIOCD9 I/O TGRA9 to TGRD9 input capture input/output compare output/ PWM output pins TIOCA10, TIOCB10 I/O TGRA10 and TGRB10 input capture input/output compare output/ PWM output pins TIOCA11, TIOCB11 I/O TGRA11 and TGRB11 input capture input/output compare output/ PWM output pins TCLKE, TCLKF, TCLKG, TCLKH Input External clock input pins for TPUa (unit 1) Programmable pulse generator (PPG) PO0 to PO31 Output Pulse output pins Compare match timer W (CMTW) TIC0 to TIC3 Input CMTW input capture input pins TOC0 to TOC3 Output CMTW output compare output pins Serial communication interface with FIFO (SCIFA) SCK0 to SCK4 I/O Clock I/O pins RXD0 to RXD4 Input Input the receive data. TXD0 to TXD4 Output Output the transmit data. CTS0# to CTS4# I/O Hardware flow control input (transmission enable signal)/general output RTS0# to RTS4# Output Hardware flow control output (transmission request signal)/general output I2C bus interface (RIICa) SCL0, SCL1 I/O Clock I/O pins. The bus can be directly driven by the N-channel open drain. SDA0, SDA1 I/O Data I/O pins. The bus can be directly driven by the N-channel open drain. Table 1.4 Pin Functions (4 / 7) Classifications Pin Name I/O Description |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |