Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 14 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 10Page - Renesas Technology Corp RZ/T1 Datasheet HTML 11Page - Renesas Technology Corp RZ/T1 Datasheet HTML 12Page - Renesas Technology Corp RZ/T1 Datasheet HTML 13Page - Renesas Technology Corp RZ/T1 Datasheet HTML 14Page - Renesas Technology Corp RZ/T1 Datasheet HTML 15Page - Renesas Technology Corp RZ/T1 Datasheet HTML 16Page - Renesas Technology Corp RZ/T1 Datasheet HTML 17Page - Renesas Technology Corp RZ/T1 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 14 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
1.4
Block Diagram
Figure 1.1 shows a block diagram of a 320-pin device.
ETHERC:
Ethernet controller
ECATC:
EtherCAT slave controller
DMAC:
DMA controller
BSC:
Bus state controller
SPIBSC:
SPI multi I/O bus controller
WDTA:
Watchdog timer
IWDTa:
Independent watchdog timer
SCIFA:
Serial communication interface with FIFO
RSPIa:
Serial peripheral interface
USB:
USB 2.0 HS host/function module
VIC:
Vector interrupt controller
NVIC:
Nested-type vector interrupt controller
MPU:
Memory protection unit
ELC:
Event link controller
TPUa:
16-bit timer pulse unit
MTU3a:
Multi-function timer pulse unit 3
POE3:
Port output enable 3
GPTa:
General-purpose PWM timer
PPG:
Programmable pulse generator
CMT:
Compare match timer
CMTW:
Compare match timer W
RIICa:
I2C bus interface
RSCAN:
CAN module
SSI:
Serial sound interface
DSMIF:
ΔΣ interface
CRC:
CRC (cyclic redundancy check) calculator
CLMA:
Clock monitor circuit
DOC:
Data operation circuit
ECM:
Error control module
Note 1. Combining the Ethernet controller and the
EtherCAT slave controller (optional) makes a total
of three ports. The Ethernet controller can support
two ports with the use of the Ethernet switch.
Figure 1.1
Block Diagram
CMT × 2 ch (unit 1)
CMTW × 1 ch (unit 1)
CMTW × 1 ch (unit 0)
CMT × 2 ch (unit 2)
BSC
Cortex-R4
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port C
12-bit A/D converter × 16 ch (unit 1)
MTU3a × 9 ch
WDTA × 1 ch
Products incorporating an R-IN engine: WDTA × 2ch
RIIC × 2 ch
CRC
IWDTa
USB
× 1 port
RSCAN × 2 ch
POE3
TPUa × 6 ch (unit 0)
CMT × 2 ch (unit 0)
PPG (unit 1)
PPG (unit 0)
RSPIa × 4 ch
Temperature sensor
GPTa × 4 ch
Port D
Port E
Port F
Port G
Port H
Port J
Port K
Port L
MPU
SCIFA × 5 ch
DOC
CLMA
On-chip
extended
SRAM
with ECC
Port P
Port M
Port N
Port T
Port R
Port S
VIC
TCM
Cortex-M3
MPU
Clock
generation
circuit
NVIC
ELC
TPUa × 6 ch (unit 1)
SSI
DSMIF × 1 ch (unit 1)
DSMIF × 3 ch (unit 0)
ECM
12-bit A/D converter × 8 ch (unit 0)
SPIBSC
Port U
ETHERC × 1 port
*1
ECATC × 2 ports
*1
DMAC ×
16 ch
(unit 0)
DMAC ×
16 ch
(unit 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com