Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 54 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 50Page - Renesas Technology Corp RZ/T1 Datasheet HTML 51Page - Renesas Technology Corp RZ/T1 Datasheet HTML 52Page - Renesas Technology Corp RZ/T1 Datasheet HTML 53Page - Renesas Technology Corp RZ/T1 Datasheet HTML 54Page - Renesas Technology Corp RZ/T1 Datasheet HTML 55Page - Renesas Technology Corp RZ/T1 Datasheet HTML 56Page - Renesas Technology Corp RZ/T1 Datasheet HTML 57Page - Renesas Technology Corp RZ/T1 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 54 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.3
DC Characteristics
 Conditions: VDD = PLLVDD0 = PLLVDD1 = DVDD_USB = 1.14 to 1.26 V,
VCCQ33 = AVCC0 = AVCC1 = VREFH0 = VREFH1 = VDD33_USB = 3.0 to 3.6 V
VSS = PLLVSS0 = PLLVSS1 = AVSS0 = AVSS1 = VREFL0 = VREFL1 = VSS_USB = 0 V,
Tj = -40 to 125°C
Note:
The 176-pin HLFQFP does not have pins AVCC1, AVSS1, VREFH1, and VREFL1.
Table 2.2
DC Characteristics (1)
Item
Symbol
min
typ
max
Unit
Test Conditions
Power supply voltage (I/O)
VCCQ33
3.0
3.3
3.6
V
Power supply voltage (internal)
VDD
1.14
1.2
1.26
V
PLL power supply voltage
PLLVDD0,
PLLVDD1
1.14
1.2
1.26
V
USB digital power supply voltage
DVDD_USB
1.14
1.2
1.26
V
Analog power supply voltage
AVCC0,
AVCC1
3.0
3.3
3.6
V
USB power supply voltage
VDD33_USB
3.0
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com