Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 15 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 11Page - Renesas Technology Corp RZ/T1 Datasheet HTML 12Page - Renesas Technology Corp RZ/T1 Datasheet HTML 13Page - Renesas Technology Corp RZ/T1 Datasheet HTML 14Page - Renesas Technology Corp RZ/T1 Datasheet HTML 15Page - Renesas Technology Corp RZ/T1 Datasheet HTML 16Page - Renesas Technology Corp RZ/T1 Datasheet HTML 17Page - Renesas Technology Corp RZ/T1 Datasheet HTML 18Page - Renesas Technology Corp RZ/T1 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 15 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
1.5
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1 / 7)
Classifications
Pin Name
I/O
Description
Power supply
VDD
Input
Power supply pin. Connect this pin to the system power supply.
VSS
Input
Ground pin. Connect this pin to the system power supply (0 V).
VCCQ33
Input
Power supply pin for I/O pins
PLLVDD0, PLLVDD1
Input
Power supply pins for the on-chip PLL oscillator
PLLVSS0, PLLVSS1
Input
Ground pins for the on-chip PLL oscillator. Connect these pins to
the system power supply (0 V).
Clock
XTAL
Output
Connected to a crystal resonator. An external clock signal may
also be input to the EXTAL pin.
EXTAL
Input
CKIO
Output
Outputs the external bus clock for external devices.
AUDIO_CLK
Input
Inputs the external clock for audio.
CLKOUT25M0,
CLKOUT25M1,
CLKOUT25M2
Output
Output the external clock for Ethernet PHY.
Operating mode control
MD0 to MD2
Input
Input the operating mode select signal.
System control
RES#
Input
Reset signal input pin. This LSI enters the reset state when this
signal goes low.
BSCANP
Input
Inputs the boundary scan enable signal. Boundary scan is enabled
when this pin goes high. When not used, it should be driven low.
OSCTH
Input
Inputs the clock input mode select signal. When an external clock
is input, this pin should be driven high. When a crystal resonator is
connected, it should be driven low.
ERROROUT#
Output
Outputs the error signal from the error control module (ECM).
RSTOUT#
Output
Outputs the reset signal externally.
Debugging interface
TRST#
Input
Test reset pin for on-chip emulator
TMS
I/O
Test mode select pin for on-chip emulator
TDI
Input
Test data input pin for on-chip emulator
TDO
Output
Test data output pin for on-chip emulator
TCK
Input
Test clock pin for on-chip emulator
TRACECLK
Output
Outputs the clock for synchronization with the trace data.
TRACECTL
Output
Outputs the enable signal for trace control.
TRACEDATA0 to
TRACEDATA7
Output
Output the trace data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com