Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 19 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 15Page - Renesas Technology Corp RZ/T1 Datasheet HTML 16Page - Renesas Technology Corp RZ/T1 Datasheet HTML 17Page - Renesas Technology Corp RZ/T1 Datasheet HTML 18Page - Renesas Technology Corp RZ/T1 Datasheet HTML 19Page - Renesas Technology Corp RZ/T1 Datasheet HTML 20Page - Renesas Technology Corp RZ/T1 Datasheet HTML 21Page - Renesas Technology Corp RZ/T1 Datasheet HTML 22Page - Renesas Technology Corp RZ/T1 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 19 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
Ethernet controller
(ETHERC)
ETH0_TXC,
ETH1_TXC,
ETH2_TXC
Input
Input the 10 M/100 M transmission clock (2.5 MHz/25 MHz).
ETH0_TXEN,
ETH1_TXEN,
ETH2_TXEN
Output
Output the transmission enable signal.
ETH0_TXER,
ETH1_TXER,
ETH2_TXER
Output
Output the transmission error signal.
ETH0_TXD0 to 3,
ETH1_TXD0 to 3,
ETH2_TXD0 to 3
Output
Output the transmission data signal.
ETH0_RXC,
ETH1_RXC,
ETH2_RXC
Input
Receive clock input pins
ETH0_RXDV,
ETH1_RXDV,
ETH2_RXDV
Input
Input the receive data enable signal.
ETH0_RXER,
ETH1_RXER,
ETH2_RXER
Input
Input the receive data error signal.
ETH0_RXD0 to 3,
ETH1_RXD0 to 3,
ETH2_RXD0 to 3
Input
Input the receive data signal.
ETH0_CRS,
ETH1_CRS,
ETH2_CRS
Input
Input the carrier sense signal.
ETH0_COL,
ETH1_COL,
ETH2_COL
Input
Input the collision detection signal.
ETH_MDC,
MII2_MDC
Output
Output the management interface clock.
ETH_MDIO,
MII2_MDIO
I/O
Management data signal I/O pins
PHYLINK0,
PHYLINK1
Input
Input the PHY Link signal.
ETHSWSECOUT
Output
Outputs the Ethernet switch SYNCOUT signal.
PHYRESETOUT#,
PHYRESETOUT2#
Output
Output the PHY RESET signal
(PHYRESETOUT#: for Ether0 and Ether1, PHYRESETOUT2#: for
Ether2)
EtherCAT slave controller
(ECATC)
(optional)
CATLEDRUN
Output
Outputs the EtherCAT RUN LED signal.
CATIRQ
Output
Outputs the EtherCAT IRQ signal.
CATLEDSTER
Output
Outputs the EtherCAT Dual-color state LED signal.
CATLEDERR
Output
Outputs the EtherCAT error LED signal.
CATLINKACT0,
CATLINKACT1
Output
Output the EtherCAT link/activity LED signal.
CATSYNC0,
CATSYNC1
Output
Output the EtherCAT SYNC signal.
CATLATCH0
Input
Input the EtherCAT LATCH signal.
CATLATCH1
Input
Input the EtherCAT LATCH signal.
CATI2CCLK
Output
Outputs the EtherCAT EEPROM I2C clock signal.
CATI2CDATA
I/O
Inputs/outputs the EtherCAT EEPROM I2C data signal.
Table 1.4
Pin Functions (5 / 7)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com