Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 52 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 48Page - Renesas Technology Corp RZ/T1 Datasheet HTML 49Page - Renesas Technology Corp RZ/T1 Datasheet HTML 50Page - Renesas Technology Corp RZ/T1 Datasheet HTML 51Page - Renesas Technology Corp RZ/T1 Datasheet HTML 52Page - Renesas Technology Corp RZ/T1 Datasheet HTML 53Page - Renesas Technology Corp RZ/T1 Datasheet HTML 54Page - Renesas Technology Corp RZ/T1 Datasheet HTML 55Page - Renesas Technology Corp RZ/T1 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 52 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.
Electrical Characteristics
2.1
Absolute Maximum Ratings
[Usage Notes]
1. Do not directly connect output pins (I/O pins in output state) of IC products to other output pins (including I/O pins
in output state) , power pins, or GND pins. However, output pins are directly connectable in an external circuit
where timing design is provided to avoid conflict of outputs of high-impedance pins such as I/O pins.
2. If even a single item exceeds the absolute maximum rating for even a moment, it may degrade the product's quality.
In other words, the absolute maximum rating is a rated value that potentially causes physical damage to products.
Use products with a margin of the absolute maximum rating.
Specified values and conditions shown in DC characteristics and AC characteristics are the range of normal
operation and quality assurance of products.
Note 1. Ports PC0 to PC7 and P30 are 5-V tolerant.
Note 2. When the A/D converter unit 0 is not to be used, connect the AVCC0 and VREFH0 pins to VCCQ33 and the AVSS0 and
VREFL0 pins to VSS, respectively. Do not leave these pins open. In the same way, when the A/D converter unit 1 is not to be
used, connect the AVCC1 and VREFH1 pins to VCCQ33 and the AVSS1 and VREFL1 pins to VSS, respectively. Do not leave
these pins open. When the USB is not to be used, connect the VDD33_USB pin to VCCQ33, the VSS_USB pin to VSS, and the
DVDD_USB pin to VDD, respectively. Do not leave these pins open.
Note 3. When VCCQ33 is less than 3.0 V, the rated value of ports for 5-V tolerant is 3.6 V.
Note 4. Do not exceed the absolute maximum rating, 4.2 V.
Table 2.1
Absolute Maximum Rating
Conditions: VSS = PLLVSS0 = PLLVSS1 = AVSS0 = AVSS1 = VREFL0 = VREFL1 = VSS_USB = 0 V
Item
Symbol
Value
Unit
Power supply voltage (I/O)
VCCQ33
-0.3 to +4.2
V
Power supply voltage (internal)
VDD
-0.3 to +1.6
V
PLL power supply voltage
PLLVDD0, PLLVDD1
-0.3 to +1.6
V
Input voltage (except for ports for 5-V tolerant*1)Vin1
-0.3 to VCCQ33 + 0.3*4
V
Input voltage (ports for 5-V tolerant*1)Vin2
-0.3 to +5.5*3
V
Analog power supply voltage
AVCC0, AVCC1*2
-0.3 to +4.2
V
Reference power supply voltage
VREFH0, VREFH1
-0.3 to (AVCC0, AVCC1) + 0.3*4
V
USB digital power supply voltage
DVDD_USB
-0.3 to +1.6
V
USB power supply voltage
VDD33_USB*2
-0.3 to +4.2
V
Analog input voltage
VAN
-0.3 to (AVCC0, AVCC1) + 0.3*4
V
Operating temperature (junction temperature)
Tj
-40 to +125
°C
Storage temperature
Tstg
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com