Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 67 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 63Page - Renesas Technology Corp RZ/T1 Datasheet HTML 64Page - Renesas Technology Corp RZ/T1 Datasheet HTML 65Page - Renesas Technology Corp RZ/T1 Datasheet HTML 66Page - Renesas Technology Corp RZ/T1 Datasheet HTML 67Page - Renesas Technology Corp RZ/T1 Datasheet HTML 68Page - Renesas Technology Corp RZ/T1 Datasheet HTML 69Page - Renesas Technology Corp RZ/T1 Datasheet HTML 70Page - Renesas Technology Corp RZ/T1 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 67 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.4.3
Bus Timing
Table 2.17
Bus Timing (1 / 2)
Output load conditions: VOH = VCCQ33 × 0.5, VOL1 = VCCQ33 × 0.5, C = 30 pF
Item
Symbol
CKIO = 1/tCKcyc*1
Unit
Reference
Figure
Min.
Max.
Address delay time 1
SDRAM*3
tAD1
2
10
ns
Figure 2.12 to
Figure 2.36
Other than the above
0
10
ns
Address delay time 2
tAD2
1/2tCKcyc
1/2tCKcyc + 10
ns
Figure 2.19
Address setup time
tAS
0
―
ns
Figure 2.12 to
Figure 2.15,
Figure 2.19
Chip enable setup time
tcs
0
―
ns
Figure 2.12 to
Figure 2.15,
Figure 2.19
Address hold time
tAH
0
―
ns
Figure 2.12 to
Figure 2.15
BS# delay time
tBSD
―
10
ns
Figure 2.12 to
Figure 2.33
CS# delay time 1
SDRAM*3
tCSD1
2
10
ns
Figure 2.12 to
Figure 2.36
Other than the above
0
10
ns
Read/write delay time 1
SDRAM*3
tRWD1
2
10
ns
Figure 2.12 to
Figure 2.36
Other than the above
0
10
ns
Read strobe delay time
tRSD
1/2tCKcyc
1/2tCKcyc + 10
ns
Figure 2.12 to
Figure 2.19
Read data setup time
1*4
High-drive output
tRDS1
1/2tCKcyc + 4
―
ns
Figure 2.12 to
Figure 2.18
Normal output
1/2tCKcyc + 7
―
ns
Read data setup time
2*4
High-drive output
tRDS2
6.6
―
ns
Figure 2.20 to
Figure 2.23,
Figure 2.28 to
Figure 2.30
Normal output
10
―
ns
Read data setup time
3*4
High-drive output
tRDS3
1/2tCKcyc + 4
―
ns
Figure 2.19
Normal output
1/2tCKcyc + 7
―
ns
Read data hold time 1
tRDH1
0
―
ns
Figure 2.12 to
Figure 2.18
Read data hold time 2
tRDH2
2
―
ns
Figure 2.20 to
Figure 2.23,
Figure 2.28 to
Figure 2.30
Read data hold time 3
tRDH3
0
―
ns
Figure 2.19
Write enable delay time 1
tWED1
1/2tCKcyc
1/2tCKcyc + 10
ns
Figure 2.12 to
Figure 2.17
Write enable delay time 2
tWED2
―
10
ns
Figure 2.18
Write data delay time 1
tWDD1
―
10
ns
Figure 2.12 to
Figure 2.18
Write data delay time 2
tWDD2
―
10
ns
Figure 2.24 to
Figure 2.27,
Figure 2.31 to
Figure 2.33
Write data hold time 1
tWDH1
1
―
ns
Figure 2.12 to
Figure 2.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com