Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 58 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 54Page - Renesas Technology Corp RZ/T1 Datasheet HTML 55Page - Renesas Technology Corp RZ/T1 Datasheet HTML 56Page - Renesas Technology Corp RZ/T1 Datasheet HTML 57Page - Renesas Technology Corp RZ/T1 Datasheet HTML 58Page - Renesas Technology Corp RZ/T1 Datasheet HTML 59Page - Renesas Technology Corp RZ/T1 Datasheet HTML 60Page - Renesas Technology Corp RZ/T1 Datasheet HTML 61Page - Renesas Technology Corp RZ/T1 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 58 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
Note 1. USB_DP and USB_DM pins
Note 1. USB_DP and USB_DM pins
Note 1. USB_DP and USB_DM pins
Table 2.5
DC Characteristics (4) [USB2.0 USB_RREF Pin]
Item
Symbol
min
typ
max
Unit
Test Conditions
Reference resistor
RREF
200 ±1%
Ω
Table 2.6
DC Characteristics (5) [USB2.0 Host/Function-Related Pins (Items for Both Full Speed and High
Speed)*1]
Item
Symbol
min
typ
max
Unit
Test Conditions
DP pull-up resistor
(when the function controller
operation is selected)
RPU
0.900
―
1.575
kΩ
Idle
1.425
―
3.090
kΩ
Transmission/
reception
DP/DM pull-down resistors
(when the host function is
selected)
RPD
14.25
―
24.80
kΩ
Table 2.7
DC Characteristics (6) [USB2.0 Host/Function-Related Pins (Full Speed)*1]
Item
Symbol
min
typ
max
Unit
Measuring Condition
Input high level voltage
VFSIH
2.0
―
―
V
Input low level voltage
VFSIL
――
0.8
V
Differential input sensitivity
VFSDI
0.2
―
―
V
| (USB_DP) – (USB_DM) |
Differential common mode
range
VFSCM
0.8
―
2.5
V
Output high level voltage
VFSOH
2.8
―
3.6
V
IFSOH = -200 μA
Output low level voltage
VFSOL
0.0
―
0.3
V
IFSOL = 2 mA
Output signal crossover
voltage
VFSCRS
1.3
―
2.0
V
CL = 50 pF
(full-speed)
Table 2.8
DC Characteristics (7) [USB2.0 Host/Function-Related Pins (High Speed)*1]
Item
Symbol
min
typ
max
Unit
Test Conditions
Squelch detection threshold
voltage (differential voltage)
VHSSQ
100
―
150
mV
Common mode voltage range
VHSCM
-50
―
500
mV
Idle state
VHSOI
-10.0
―
10.0
mV
Output high level voltage
VHSOH
360
―
440
mV
Output low level voltage
VHSOL
-10.0
―
10.0
mV
Chirp J output voltage
(differential)
VCHIRPJ
700
―
1100
mV
Chirp K output voltage
(differential)
VCHIRPK
-900
―
-500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com