Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 20 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 16Page - Renesas Technology Corp RZ/T1 Datasheet HTML 17Page - Renesas Technology Corp RZ/T1 Datasheet HTML 18Page - Renesas Technology Corp RZ/T1 Datasheet HTML 19Page - Renesas Technology Corp RZ/T1 Datasheet HTML 20Page - Renesas Technology Corp RZ/T1 Datasheet HTML 21Page - Renesas Technology Corp RZ/T1 Datasheet HTML 22Page - Renesas Technology Corp RZ/T1 Datasheet HTML 23Page - Renesas Technology Corp RZ/T1 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 20 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
USB 2.0 host/function
module
VDD33_USB
Input
Power supply input pin for USB
VSS_USB
Input
Ground input pin for USB
DVDD_USB
Input
Digital power supply input pin for USB
USB_RREF
Input
Reference current input pin for USB. Connect this pin to the
VSS_USB pin via 200 Ω (±1%).
USB_DP
I/O
USB bus D+ data I/O pin
USB_DM
I/O
USB bus D- data I/O pin
USB_VBUSEN
Output
Outputs the VBUS power enable signal for USB.
USB_OVRCUR
Input
Inputs the overcurrent signal for USB.
USB_VBUSIN
Input
USB cable connection/disconnection detection input pin
CAN module (RSCAN)
CRXD0, CRXD1
Input
Receive data input pins
CTXD0, CTXD1
Output
Transmit data output pins
Serial peripheral interface
(RSPIa)
RSPCK0 to RSPCK3
I/O
Clock I/O pins
MOSI0 to MOSI3
I/O
Master transmit data I/O pins
MISO0 to MISO3
I/O
Slave transmit data I/O pins
SSL00, SSL10, SSL20,
SSL30
I/O
Slave select signal I/O pins
SSL01, SSL02, SSL03,
SSL11
Output
Slave select signal output pins
SPI multi I/O bus
controller (SPIBSC)
SPBCLK
Output
Clock output pin
SPBSSL
Output
Slave select signal output pin
SPBMO/SPBIO0
I/O
Master transmit data/data 0 I/O pin
SPBMI/SPBIO1
I/O
Master input data/data 1 I/O pin
SPBIO2, SPBIO3
I/O
Data 2, data 3 I/O pins
Serial sound interface
(SSI)
SSISCK0
I/O
SSI serial bit clock I/O pin
SSIWS0
I/O
Word select I/O pin
SSITXD0
Output
Serial data output pin
SSIRXD0
Input
Serial data input pin
AUDIO_CLK
Input
Master clock pin for audio
ΔΣ interface (DSMIF)
MCLK0 to MCLK3
I/O
Clock I/O pins
MDAT0 to MDAT3
Input
Data input pins
12-bit A/D converter
(S12ADCa)
AN000 to AN007,
AN100 to AN115
Input
Analog input pins for A/D converter
ADTRG0, ADTRG1
Input
External trigger input pins for the start of A/D conversion
AN1_ANEX0
Output
Extended analog outpu pin
AN1_ANEX1
Input
Extended analog input pin
Analog power supply
AVCC0
Input
Analog power supply input pin for the 12-bit A/D converter (unit 0).
Connect this pin to the VCCQ33 pin if the 12-bit A/D converter is
not to be used.
AVSS0
Input
Analog ground input pin for the 12-bit A/D converter (unit 0).
Connect this pin to the VSS pin if the 12-bit A/D converter is not to
be used.
VREFH0
Input
Reference power supply input pin for the 12-bit A/D converter (unit
0). Connect this pin to the VCCQ33 pin if the 12-bit A/D converter
is not to be used.
VREFL0
Input
Reference ground pin for the 12-bit A/D converter (unit 0). Connect
this pin to the VSS pin if the 12-bit A/D converter is not to be used.
Table 1.4
Pin Functions (6 / 7)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com