Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 62 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 58Page - Renesas Technology Corp RZ/T1 Datasheet HTML 59Page - Renesas Technology Corp RZ/T1 Datasheet HTML 60Page - Renesas Technology Corp RZ/T1 Datasheet HTML 61Page - Renesas Technology Corp RZ/T1 Datasheet HTML 62Page - Renesas Technology Corp RZ/T1 Datasheet HTML 63Page - Renesas Technology Corp RZ/T1 Datasheet HTML 64Page - Renesas Technology Corp RZ/T1 Datasheet HTML 65Page - Renesas Technology Corp RZ/T1 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 62 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
n = 0 to 2
Table 2.12
CLKOUT25Mn Timing
Output load conditions: VOH = 2.0 V, VOL1 = 0.8 Vn, C = 25 pF (RMII)
VOH = VCCQ33 – 0.5 V, VOL1 = 0.4 V, C = 30 pF (MII)
Item
Symbol
min
max
Unit
Test
Conditions
CLKOUT25Mn
(RMII)
CLKOUT25Mn cycle time
Tck1
20
―
ns
Figure 2.3
CLKOUT25Mn frequency Typ. 50 MHz
―
50 ± 50 ppm
MHz
CLKOUT25Mn duty
―
35
65
%
CLKOUT25Mn output low pulse width 1
Tckl1
Tck1/2 – Tckf1
Tck1/2 + Tckf1
ns
CLKOUT25Mn output high pulse width 1
Tckh1
Tck1/2 – Tckr1
Tck1/2 + Tckr1
ns
CLKOUT25Mn rising/falling time 1
Tckr1/ckf1
0.5
4
ns
CLKOUT25Mn
(MII)
CLKOUT25Mn cycle time
Tck2
40
―
ns
Figure 2.4
CLKOUT25Mn frequency Typ. 25 MHz
―
25 ± 50 ppm
MHz
CLKOUT25Mn duty
―
35
65
%
CLKOUT25Mn output low pulse width 2
Tckl2
Tck2/2 – Tckf2
Tck2/2 + Tckf2
ns
CLKOUT25Mn output high pulse width 2
Tckh2
Tck2/2 – Tckr2
Tck2/2 + Tckr2
ns
CLKOUT25Mn rising/falling time 2
Tckr2/ckf2
0.5
9
ns
Figure 2.3
CLKOUT25Mn Pin Output Timing 1
Figure 2.4
CLKOUT25Mn Pin Output Timing 2
Tck1
CLKOUT25Mn pin output
Tckh1
2.0 V
2.0 V
0.8 V 0.8 V
Tckl1
0.8 V
Tckr1
Tckf1
50%
Tck2
CLKOUT25Mn pin output
Tckh2
VOH
VOH
VOL1
1/2 × VCCQ33
VOL1
Tckl2
VOL1
Tckr2
Tckf2
1/2 × VCCQ33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com