| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RZ/T1 Datasheet(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/T1 Datasheet(HTML) 21 Page - Renesas Technology Corp |
|
21 / 139 page ![]() R01DS0228EJ0200 Rev.2.00 Page 21 of 139 Jun. 30, 2025 RZ/T1 Group 1. Overview Note 1. Only in products with the encoder interfaces. Analog power supply AVCC1 Input Analog power supply input pin for the 12-bit A/D converter (unit 1). Connect this pin to the VCCQ33 pin if the 12-bit A/D converter is not to be used. AVSS1 Input Analog ground input pin for the 12-bit A/D converter (unit 1). Connect this pin to the VSS pin if the 12-bit A/D converter is not to be used. VREFH1 Input Reference power supply input pin for the 12-bit A/D converter (unit 1). Connect this pin to the VCCQ33 pin if the 12-bit A/D converter is not to be used. VREFL1 Input Reference ground pin for the 12-bit A/D converter (unit 1). Connect this pin to the VSS pin if the 12-bit A/D converter is not to be used. I/O ports P00 to P07 I/O 8-bit I/O pin P10 to P17 I/O 8-bit I/O pin P20 to P27 I/O 8-bit I/O pins P30 to P37 Input, I/O 1-bit input pin (P30), 7-bit I/O pins (P31 to P37) I/O pins P40 to P47 I/O 8-bit I/O pins P50 to P56 I/O 7-bit I/O pins P60 to P67 I/O 8-bit I/O pins P70 to P77 I/O 8-bit I/O pins P80 to P87 I/O 8-bit I/O pins P90 to P97 I/O 8-bit I/O pins PA0 to PA7 I/O 8-bit I/O pins PB0 to PB7 I/O 8-bit I/O pins PC0 to PC7 Input 8-bit input pins PD0 to PD7 I/O 8-bit I/O pins PE0 to PE7 I/O 8-bit I/O pins PF5 to PF7 I/O 3-bit I/O pins PG0 to PG7 I/O 8-bit I/O pins PH0 to PH7 I/O 8-bit I/O pins PJ0 to PJ7 I/O 8-bit I/O pins PK0 to PK7 I/O 8-bit I/O pins PL0 to PL7 I/O 8-bit I/O pins PM0 to PM7 I/O 8-bit I/O pins PN0 to PN7 I/O 8-bit I/O pins PP0 to PP7 I/O 8-bit I/O pins PR0 to PR7 I/O 8-bit I/O pins PS0 to PS7 I/O 8-bit I/O pins PT0 to PT7 I/O 8-bit I/O pins PU0 to PU7 I/O 8-bit I/O pins Encoder I/F*1 ENCIF00 to ENCIF12 I/O I/O pins for multi-protocol encoder interface Table 1.4 Pin Functions (7 / 7) Classifications Pin Name I/O Description |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |