Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 63 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 59Page - Renesas Technology Corp RZ/T1 Datasheet HTML 60Page - Renesas Technology Corp RZ/T1 Datasheet HTML 61Page - Renesas Technology Corp RZ/T1 Datasheet HTML 62Page - Renesas Technology Corp RZ/T1 Datasheet HTML 63Page - Renesas Technology Corp RZ/T1 Datasheet HTML 64Page - Renesas Technology Corp RZ/T1 Datasheet HTML 65Page - Renesas Technology Corp RZ/T1 Datasheet HTML 66Page - Renesas Technology Corp RZ/T1 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 63 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
Note 1. When EtherCAT is in use.
Note 1. When using the XTAL clock, ask the oscillator manufacturer to evaluate oscillation of the oscillator. For the oscillation
stabilization time, see the evaluation result provided by the oscillator manufacturer.
Note 2. When using the EtherCAT, make sure that the clock timing satisfies 25.00 MHz ± 25 ppm.
Table 2.13
EXTAL Clock Timing
Item
Symbol
min
typ
max
Unit
EXTAL external clock input cycle time
tEXcyc
40.00 ± 50 ppm
ns
25.00 ± 25ppm*1
MHz
Figure 2.5
EXTAL External Clock Input Timing
Table 2.14
XTAL Clock Timing
Item
Symbol
min
typ
max
Unit
XTAL clock oscillator output cycle*1
tXTALcyc
40.00 ± 50 ppm*2
ns
Figure 2.6
XTAL Clock Oscillator Output Timing
Table 2.15
LOCO Clock Timing
Item
Symbol
min
typ
max
Unit
Test
Conditions
LOCO clock cycle time
tLcyc
4.62
4.17
3.79
μs
LOCO clock oscillation frequency
fLOCO
216
240
264
kHz
LOCO clock oscillation stabilization wait time
tLOCOWT
―
―
40
μs
Figure 2.7
tEXcyc
1/2 × VCCQ33
EXTAL external clock input
1/2 × VCCQ33
tXTALcyc
1/2 × VCCQ33
XTAL clock oscillator output
1/2 × VCCQ33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com