Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 57 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 53Page - Renesas Technology Corp RZ/T1 Datasheet HTML 54Page - Renesas Technology Corp RZ/T1 Datasheet HTML 55Page - Renesas Technology Corp RZ/T1 Datasheet HTML 56Page - Renesas Technology Corp RZ/T1 Datasheet HTML 57Page - Renesas Technology Corp RZ/T1 Datasheet HTML 58Page - Renesas Technology Corp RZ/T1 Datasheet HTML 59Page - Renesas Technology Corp RZ/T1 Datasheet HTML 60Page - Renesas Technology Corp RZ/T1 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 57 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
Note 1. Ports PC0 to PC7 and P30 are 5-V tolerant.
Note 2. When VCCQ33 is less than 3.00 V, do not apply voltage of 3.6 V or higher to 5-V tolerant pins.
Note 3. 5-V tolerant pins are not included.
Table 2.4
DC Characteristics (3) [Except for USB2.0 Host/Function-Related Pins]
Item
Symbol
min
typ
max
Unit
Test Conditions
Schmitt trigger
Input voltage
Other than 5-V tolerant pins
VIH1
2.4
―
VCCQ33 + 0.3
V
VIL1
–0.3
―
0.8
V
ΔVT1
VCCQ33
× 0.05
――
V
5-V tolerant pins*1
VIH2
VCCQ33
× 0.7
―5.3*2
V
VIL2
–0.3
―
VCCQ33 × 0.3
V
ΔVT2
VCCQ33
× 0.05
――
V
Input high level voltage
(except for schmitt trigger input pins)
VIH3
2.4
―
VCCQ33 + 0.3
V
Input low level voltage
(except for schmitt trigger input pins)
VIL3
–0.3
―
0.8
V
Output high level
voltage
Other than 5-V tolerant pins
VOH
VCCQ33
– 0.5
――
V
IOH = -2 mA
Output low level
voltage
Other than 5-V tolerant pins
VOL1
――
0.4
V
IOL1 = 2 mA
5-V tolerant pins*1
VOL2
――
0.4
V
IOL2 = 3 mA
――
0.6
V
IOL2 = 6 mA
Input leakage current
| Iin |―
―
1.0
μA
Vin1 = Vin2 = 0 V
Vin1 = Vin2 = VCCQ33
Three-state
leakage current
(off state)
Input/output and output pins
excluding 5-V tolerant pins
|ITSI|―
―
1.0
μA
Vin1 = 0 V
Vin1 = VCCQ33
5-V tolerant pins*1
――
5.0
μA
Vin2 = 0 V
Vin2 = VCCQ33
Input pull-up
MOS current
and resistance
Ports P50 to P56, P86 to
P87, P90 to P97, PD0 to PD7
Ipu1
–300
―
–30
μA
VCCQ33 = 3.0 to 3.6 V
Vin1 = Vin2 = 0 V
Rpu1
10
―
120
kΩ
Pins other than the above*3
Ipu2
–120
―
–7
μA
VCCQ33 = 3.0 to 3.6 V
Vin1 = Vin2 = 0 V
Rpu2
25
―
515
kΩ
Input pull-down
MOS current
and resistance
Ports P50 to P56, P86 to
P87, P90 to P97, PD0 to PD7
Ipd1
30
―
300
μA
VCCQ33 = 3.0 to 3.6 V
Vin1 = Vin2 = VCCQ33
Rpd1
10
―
120
kΩ
Pins other than the above*3
Ipd2
7
―
120
μA
VCCQ33 = 3.0 to 3.6 V
Vin1 = Vin2 = VCCQ33
Rpd2
25
―
515
kΩ
Pin capacity
All input/output and input pins Cin
―
―
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com