Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 60 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 56Page - Renesas Technology Corp RZ/T1 Datasheet HTML 57Page - Renesas Technology Corp RZ/T1 Datasheet HTML 58Page - Renesas Technology Corp RZ/T1 Datasheet HTML 59Page - Renesas Technology Corp RZ/T1 Datasheet HTML 60Page - Renesas Technology Corp RZ/T1 Datasheet HTML 61Page - Renesas Technology Corp RZ/T1 Datasheet HTML 62Page - Renesas Technology Corp RZ/T1 Datasheet HTML 63Page - Renesas Technology Corp RZ/T1 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 60 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.4
AC Characteristics
 Conditions: VDD = PLLVDD0 = PLLVDD1 = DVDD_USB = 1.14 to 1.26 V,
VCCQ33 = AVCC0 = AVCC1 = VREFH0 = VREFH1 = VDD33_USB = 3.0 to 3.6 V
VSS = PLLVSS0 = PLLVSS1 = AVSS0 = AVSS1 = VREFL0 = VREFL1 = VSS_USB = 0 V,
Tj = -40 to 125°C
Note:
The 176-pin HLFQFP does not have pins AVCC1, AVSS1, VREFH1, and VREFL1.
Note 1. For R7S910007CBG, R7S910107CBG, R7S910013CBG, R7S910113CBG, R7S910017CBG, R7S910117CBG,
R7S910018CBG, R7S910118CBG, R7S910027CBG, R7S910127CBG, R7S910028CBG, and R7S910128CBG only.
Note 2. For R7S910001CFP, R7S910101CFP, R7S910002CBG, R7S910102CBG, R7S910006CBG, R7S910106CBG,
R7S910011CBG, R7S910111CBG, R7S910015CBG, R7S910115CBG, R7S910016CBG, R7S910116CBG, R7S910025CBG,
R7S910125CBG, R7S910026CBG, and R7S910126CBG only.
Note 3. For R7S910035CBG, R7S910135CBG, R7S910036CBG, and R7S910136CBG only.
Table 2.10
Operating Frequency
Item
Symbol
min
max
Unit
Operating
frequency
CPU clock (CPUCLK)
*1
f
150
600
MHz
*2
150
450
*3
150
300
System clock (ICLK)
150
Peripheral module clock (PCLKA)
150
Peripheral module clock (PCLKB)
75
Peripheral module clock (PCLKC)
150
Peripheral module clock (PCLKD)
75
Peripheral module clock (PCLKE)
18.75
75
Peripheral module clock (PCLKF)
7.5
60
Peripheral module clock (PCLKG)
7.5
60
Peripheral module clock (PCLKH)
60
High-speed serial clock (SERICLK)
120
150
ΔΣ interface clock output (DSCLK0, DSCLK1)
6.25
25
External bus clock output (CKIO)
18.75
75
External clock output for Ethernet PHY (CLKOUT25M)
25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com