Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 102 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 98Page - Renesas Technology Corp RZ/T1 Datasheet HTML 99Page - Renesas Technology Corp RZ/T1 Datasheet HTML 100Page - Renesas Technology Corp RZ/T1 Datasheet HTML 101Page - Renesas Technology Corp RZ/T1 Datasheet HTML 102Page - Renesas Technology Corp RZ/T1 Datasheet HTML 103Page - Renesas Technology Corp RZ/T1 Datasheet HTML 104Page - Renesas Technology Corp RZ/T1 Datasheet HTML 105Page - Renesas Technology Corp RZ/T1 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 102 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.4.5.8
SCIFA Timing
Note 1. tSEcyc: SERICLK cycle
Note 2. When the SEMR.ABCS0 bit = 1 and the SEMR.BGDM bit = 1
Table 2.26
SCIFA Timing
Output load conditions: VOH = VCCQ33 × 0.5, VOL1 = VCCQ33 × 0.5, C = 30 pF
Item
Symbol min*1
max*1
Unit*1
Test
Conditions
SCIFA
Input clock cycle
Asynchronous
tScyc
4―
tSEcyc
Figure 2.50
Clock
synchronous
12
―
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rising time
tSCKr
―5
ns
Input clock falling time
tSCKf
―5
ns
Output clock cycle
Asynchronous*2
tScyc
8―
tSEcyc
Clock
synchronous
4―
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rising time
tSCKr
―9
ns
Output clock falling time
tSCKf
―9
ns
Transmit data delay time
Internal clock
tTXD
-10
10
ns
Figure 2.51
External clock
3 × tSEcyc
4 × tSEcyc + 20
Receive data setup time
Internal clock
tRXS
3 × tSEcyc + 20
―
ns
External clock
tSEcyc + 10
―
Receive data hold time
Internal clock
tRXH
-3 × tSEcyc
―ns
External clock
2 × tSEcyc + 10
―
Figure 2.50
SCK Clock Input Timing
tSCKW
tSCKr
tSCKf
tScyc
SCKn
(n = 0 to 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com