Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 122 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 118Page - Renesas Technology Corp RZ/T1 Datasheet HTML 119Page - Renesas Technology Corp RZ/T1 Datasheet HTML 120Page - Renesas Technology Corp RZ/T1 Datasheet HTML 121Page - Renesas Technology Corp RZ/T1 Datasheet HTML 122Page - Renesas Technology Corp RZ/T1 Datasheet HTML 123Page - Renesas Technology Corp RZ/T1 Datasheet HTML 124Page - Renesas Technology Corp RZ/T1 Datasheet HTML 125Page - Renesas Technology Corp RZ/T1 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 122 of 139
Jun. 30, 2025
RZ/T1 Group
2. Electrical Characteristics
2.4.5.16
Delta-Sigma Interface Timing
Note:
tDCcyc: One cycle time of the ∆Σ interface clock (DSCLK0, DSCLK1)
Table 2.34
∆Σ Interface Timing
Conditions: VOH = VCCQ33 × 0.5, VOL1 = VCCQ33 × 0.5, C = 30 pF
Item
Symbol
min
max
Unit
Test
Conditions
DSMIF
Clock cycle
Master
tDScyc
11
tDCcyc
Figure 2.79
Slave
66.67
200
ns
Clock high level
Master
tDSCKWH
16
―
ns
Slave
26.67
―
ns
Clock low level
Master
tDSCKWL
16
―
ns
Slave
26.67
―
ns
Setup time
Master
tSU
15
―
ns
Figure 2.80,
Figure 2.81
Slave
10
―
ns
Hold time
Master
tH
0―
ns
Slave
10
―
ns
Figure 2.79
Clock Input/Output Timing
Figure 2.80
Reception Timing (MCLKn Rising Synchronous)
MCLKn
tDSCKWH
tDSCKWL
tDScyc
tSU
tH
MCLKn
(input or output)
MDATn
(input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com