| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 33 Page - Renesas Technology Corp |
|
33 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xxxiii of xlviii Figure 10.3 PWMX (D/A) Operation ......................................................................................... 269 Figure 10.4 Output Waveform (OS = 0, DADR corresponds to TL) .......................................... 272 Figure 10.5 Output Waveform (OS = 1, DADR corresponds to TH) .......................................... 273 Figure 10.6 D/A Data Register Configuration when CFS = 1 .................................................... 273 Figure 10.7 Output Waveform when DADR = H'0207 (OS = 1) ............................................... 274 Section 11 16-Bit Free-Running Timer (FRT) Figure 11.1 Block Diagram of 16-Bit Free-Running Timer ....................................................... 278 Figure 11.2 Example of Pulse Output......................................................................................... 289 Figure 11.3 Increment Timing with Internal Clock Source ........................................................ 290 Figure 11.4 Increment Timing with External Clock Source ....................................................... 290 Figure 11.5 Timing of Output Compare A Output ..................................................................... 291 Figure 11.6 Clearing of FRC by Compare-Match A Signal ....................................................... 291 Figure 11.7 Input Capture Input Signal Timing (Usual Case) .................................................... 292 Figure 11.8 Input Capture Input Signal Timing (When ICRA to ICRD is Read)....................... 292 Figure 11.9 Buffered Input Capture Timing ............................................................................... 293 Figure 11.10 Buffered Input Capture Timing (BUFEA = 1) ...................................................... 294 Figure 11.11 Timing of Input Capture Flag (ICFA, ICFB, ICFC, or ICFD) Setting .................. 294 Figure 11.12 Timing of Output Compare Flag (OCFA or OCFB) Setting ................................. 295 Figure 11.13 Timing of Overflow Flag (OVF) Setting............................................................... 296 Figure 11.14 OCRA Automatic Addition Timing ...................................................................... 296 Figure 11.15 Timing of Input Capture Mask Signal Setting....................................................... 297 Figure 11.16 Timing of Input Capture Mask Signal Clearing .................................................... 297 Figure 11.17 Conflict between FRC Write and Clear................................................................. 299 Figure 11.18 Conflict between FRC Write and Increment ......................................................... 300 Figure 11.19 Conflict between OCR Write and Compare-Match (When Automatic Addition Function is Not Used) ............................................... 301 Figure 11.20 Conflict between OCR Write and Compare-Match (When Automatic Addition Function is Used) ...................................................... 302 Section 12 16-Bit Timer Pulse Unit (TPU) Figure 12.1 Block Diagram of TPU............................................................................................ 306 Figure 12.2 16-Bit Register Access Operation [Bus Master ↔ TCNT (16 Bits)]......................333 Figure 12.3 8-Bit Register Access Operation [Bus Master ↔ TCR (Upper 8 Bits)]..................334 Figure 12.4 8-Bit Register Access Operation [Bus Master ↔ TMDR (Lower 8 Bits)]..............334 Figure 12.5 8-Bit Register Access Operation [Bus Master ↔ TCR and TMDR (16 Bits)] .......334 Figure 12.6 Example of Counter Operation Setting Procedure .................................................. 335 Figure 12.7 Free-Running Counter Operation ............................................................................ 336 Figure 12.8 Periodic Counter Operation..................................................................................... 337 Figure 12.9 Example of Setting Procedure for Waveform Output by Compare Match.............. 337 Figure 12.10 Example of 0 Output/1 Output Operation ............................................................. 338 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |