Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 100 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 96Page - Renesas Technology Corp H8S/2114R Datasheet HTML 97Page - Renesas Technology Corp H8S/2114R Datasheet HTML 98Page - Renesas Technology Corp H8S/2114R Datasheet HTML 99Page - Renesas Technology Corp H8S/2114R Datasheet HTML 100Page - Renesas Technology Corp H8S/2114R Datasheet HTML 101Page - Renesas Technology Corp H8S/2114R Datasheet HTML 102Page - Renesas Technology Corp H8S/2114R Datasheet HTML 103Page - Renesas Technology Corp H8S/2114R Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 52 of 986
REJ09B0098-0300
2.7.9
Effective Address Calculation
Table 2.13 indicates how effective addresses are calculated in each addressing mode. In normal
mode, the upper eight bits of the effective address are ignored in order to generate a 16-bit
address.
Table 2.13
Effective Address Calculation (1)
No
1
Offset
1
2
4
r
op
31
0
31
23
2
3
Register indirect with displacement
@(d:16,ERn) or @(d:32,ERn)
4
r
op
disp
r
op
rm
op
rn
31
0
31
0
r
op
Don't care
31
23
31
0
Don't care
31
0
disp
31
0
31
0
31
23
31
0
Don't care
31
23
31
0
Don't care
24
24
24
24
Addressing Mode and Instruction Format
Effective Address Calculation
Effective Address (EA)
Register direct (Rn)
General register contents
General register contents
General register contents
General register contents
Sign extension
Register indirect (@ERn)
Register indirect with post-increment or
pre-decrement
• Register indirect with post-increment @ERn+
• Register indirect with pre-decrement @-ERn
1, 2, or 4
1, 2, or 4
Operand Size
Byte
Word
Longword
Operand is general register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com