| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xxxii of xlviii Figure 5.5 Block Diagram of Interrupts KIN15 to KIN0 and WUE15 to WUE0 (Example of WUE15 to WUE8)................................................................................ 101 Figure 5.6 Block Diagram of Interrupt Control Operation ......................................................... 110 Figure 5.7 Flowchart of Procedure up to Interrupt Acceptance in Interrupt Control Mode 0 .... 113 Figure 5.8 State Transition in Interrupt Control Mode 1 ............................................................ 114 Figure 5.9 Flowchart of Procedure up to Interrupt Acceptance in Interrupt Control Mode 1 .... 116 Figure 5.10 Interrupt Exception Handling.................................................................................. 118 Figure 5.11 Interrupt Control for DTC ....................................................................................... 120 Figure 5.12 Block Diagram of Address Break Function ............................................................ 122 Figure 5.13 Examples of Address Break Timing........................................................................ 124 Figure 5.14 Conflict between Interrupt Generation and Disabling............................................. 125 Section 6 Bus Controller (BSC) Figure 6.1 Block Diagram of BSC ............................................................................................. 129 Section 7 Data Transfer Controller (DTC) Figure 7.1 Block Diagram of DTC ............................................................................................. 136 Figure 7.2 Block Diagram of DTC Activation Source Control .................................................. 143 Figure 7.3 DTC Register Information Location in Address Space............................................. 144 Figure 7.4 DTC Operation Flowchart......................................................................................... 147 Figure 7.5 Memory Mapping in Normal Mode .......................................................................... 148 Figure 7.6 Memory Mapping in Repeat Mode ........................................................................... 149 Figure 7.7 Memory Mapping in Block Transfer Mode .............................................................. 150 Figure 7.8 Chain Transfer Operation.......................................................................................... 151 Figure 7.9 DTC Operation Timing (Example in Normal Mode or Repeat Mode) ..................... 152 Figure 7.10 DTC Operation Timing (Example of Block Transfer Mode, with Block Size of 2) ..................................... 153 Figure 7.11 DTC Operation Timing (Example of Chain Transfer) ............................................ 153 Section 8 I/O Ports Figure 8.1 Noise Cancel Circuit ................................................................................................. 184 Figure 8.2 Noise Cancel Operation ............................................................................................ 184 Section 9 8-Bit PWM Timer (PWM) Figure 9.1 Block Diagram of PWM Timer................................................................................. 248 Figure 9.2 Example of Additional Pulse Timing (When Upper 4 Bits of PWDR = B'1000) ..... 255 Figure 9.3 Example of PWM Setting.......................................................................................... 256 Figure 9.4 Example when PWM is Used as D/A Converter....................................................... 256 Section 10 14-Bit PWM Timer (PWMX) Figure 10.1 PWMX (D/A) Block Diagram ................................................................................ 259 Figure 10.2 (1) DACNT Access Operation (1) [CPU → DACNT(H'AA57) Writing] .............. 267 Figure 10.2 (2) DACNT Access Operation (2) [DACNT → CPU(H'AA57) Reading].............. 268 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |