| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 38 Page - Renesas Technology Corp |
|
38 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xxxviii of xlviii Figure 16.29 Notes on Reading Master Receive Data................................................................ 573 Figure 16.30 Flowchart for Start Condition Issuance Instruction for Retransmission and Timing................................................................................................................... 574 Figure 16.31 Stop Condition Issuance Timing ........................................................................... 575 Figure 16.32 IRIC Flag Clearing Timing when WAIT = 1 ........................................................ 576 Figure 16.33 ICDR Read and ICCR Access Timing in Slave Transmit Mode........................... 577 Figure 16.34 TRS Bit Set Timing in Slave Mode....................................................................... 578 Figure 16.35 Diagram of Erroneous Operation when Arbitration is Lost .................................. 580 Section 17 Keyboard Buffer Control Unit (KBU) Figure 17.1 Block Diagram of KBU........................................................................................... 582 Figure 17.2 KBU Connection ..................................................................................................... 583 Figure 17.3 Sample Receive Processing Flowchart.................................................................... 594 Figure 17.4 Receive Timing ....................................................................................................... 595 Figure 17.5 Sample Transmit Processing Flowchart .................................................................. 596 Figure 17.6 Transmit Timing...................................................................................................... 597 Figure 17.7 (1) Sample Receive Abort Processing Flowchart.................................................... 598 Figure 17.7 (2) Sample Receive Abort Processing Flowchart.................................................... 599 Figure 17.8 Receive Abort and Transmit Start (Transmission/Reception Switchover) Timing..................................................................................................................... 599 Figure 17.9 KCLKI and KDI Read Timing................................................................................ 600 Figure 17.10 KCLKO and KDO Write Timing .......................................................................... 601 Figure 17.11 KBF Setting and KCLK Automatic I/O Inhibit Generation Timing ..................... 602 Figure 17.12 Receive Counter and KBBR Data Load Timing ................................................... 603 Figure 17.13 Receive Timing and KCLK................................................................................... 604 Figure 17.14 Example of KCLK Input Fall Interrupt Operation ................................................ 605 Figure 17.15 Timing of First KCLK Interrupt............................................................................ 606 Figure 17.16 First KCLK Interrupt Path..................................................................................... 608 Figure 17.17 Interrupt Timing in Software Standby Mode, Watch Mode, and Subsleep Mode. 609 Figure 17.18 Internal Flag of First KCLK Falling Interrupt in Software Standby mode, Watch mode, and Subsleep mode.......................................................................... 610 Figure 17.19 KBIOE Setting and KCLK Falling Edge Detection Timing ................................. 611 Figure 17.20 KDO Output .......................................................................................................... 612 Section 18 LPC Interface (LPC) Figure 18.1 Block Diagram of LPC............................................................................................ 615 Figure 18.2 Typical LFRAME Timing....................................................................................... 679 Figure 18.3 Abort Mechanism.................................................................................................... 679 Figure 18.4 GA20 Output........................................................................................................... 681 Figure 18.5 Power-Down State Termination Timing ................................................................. 686 Figure 18.6 SERIRQ Timing...................................................................................................... 687 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |