| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xliv of xlviii Table 5.4 Interrupt Sources, Vector Addresses, and Interrupt Priorities (H8S/2140B Group Compatible Vector Mode) .................................................... 103 Table 5.5 Interrupt Sources, Vector Addresses, and Interrupt Priorities (Extended Vector Mode) ...................................................................................... 106 Table 5.6 Interrupt Control Modes ....................................................................................... 109 Table 5.7 Interrupts Selected in Each Interrupt Control Mode ............................................. 111 Table 5.8 Operations and Control Signal Functions in Each Interrupt Control Mode.......... 112 Table 5.9 Interrupt Response Times ..................................................................................... 119 Table 5.10 Interrupt Source Selection and Clearing Control.................................................. 121 Section 7 Data Transfer Controller (DTC) Table 7.1 Correspondence between Interrupt Sources and DTCER..................................... 141 Table 7.2 Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs .............. 145 Table 7.3 Register Functions in Normal Mode..................................................................... 148 Table 7.4 Register Functions in Repeat Mode...................................................................... 149 Table 7.5 Register Functions in Block Transfer Mode ......................................................... 150 Table 7.6 DTC Execution Status .......................................................................................... 154 Table 7.7 Number of States Required for Each Execution Status ........................................ 154 Section 8 I/O Ports Table 8.1 Port Functions....................................................................................................... 159 Table 8.2 Port 1 Input Pull-Up MOS States.......................................................................... 166 Table 8.3 Port 2 Input Pull-Up MOS States.......................................................................... 170 Table 8.4 Port 3 Input Pull-Up MOS States.......................................................................... 173 Table 8.5 Port 6 Input Pull-Up MOS States.......................................................................... 188 Table 8.6 Port 9 Input Pull-Up MOS States.......................................................................... 200 Table 8.7 Port B Input Pull-Up MOS States......................................................................... 208 Table 8.8 Port C Input Pull-Up MOS States......................................................................... 216 Table 8.9 Port D Input Pull-Up MOS States......................................................................... 224 Table 8.10 Port E Input Pull-Up MOS States ......................................................................... 226 Table 8.11 Port F Input Pull-Up MOS States ......................................................................... 232 Section 9 8-Bit PWM Timer (PWM) Table 9.1 Pin Configuration.................................................................................................. 249 Table 9.2 Internal Clock Selection........................................................................................ 251 Table 9.3 Resolution, PWM Conversion Period, and Carrier Frequency when φ = 20 MHz...................................................................................................................... 251 Table 9.4 Duty Cycle of Basic Pulse .................................................................................... 254 Table 9.5 Position of Pulses Added to Basic Pulses ............................................................. 255 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |