| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xiv of xlviii Section 7 Data Transfer Controller (DTC) ........................................................ 135 7.1 Features.............................................................................................................................. 136 7.2 Register Descriptions ......................................................................................................... 137 7.2.1 DTC Mode Register A (MRA) ............................................................................. 138 7.2.2 DTC Mode Register B (MRB).............................................................................. 139 7.2.3 DTC Source Address Register (SAR)................................................................... 139 7.2.4 DTC Destination Address Register (DAR)........................................................... 140 7.2.5 DTC Transfer Count Register A (CRA) ............................................................... 140 7.2.6 DTC Transfer Count Register B (CRB)................................................................ 140 7.2.7 DTC Enable Registers (DTCER).......................................................................... 141 7.2.8 DTC Vector Register (DTVECR)......................................................................... 142 7.3 Activation Sources ............................................................................................................. 143 7.4 Location of Register Information and DTC Vector Table ................................................. 144 7.5 Operation ........................................................................................................................... 147 7.5.1 Normal Mode........................................................................................................ 148 7.5.2 Repeat Mode......................................................................................................... 149 7.5.3 Block Transfer Mode ............................................................................................ 150 7.5.4 Chain Transfer ...................................................................................................... 151 7.5.5 Interrupt Sources................................................................................................... 152 7.5.6 Operation Timing.................................................................................................. 152 7.5.7 Number of DTC Execution States ........................................................................ 154 7.6 Procedures for Using DTC................................................................................................. 155 7.6.1 Activation by Interrupt.......................................................................................... 155 7.6.2 Activation by Software ......................................................................................... 155 7.7 Examples of Use of the DTC ............................................................................................. 156 7.7.1 Normal Mode........................................................................................................ 156 7.7.2 Software Activation .............................................................................................. 157 7.8 Usage Notes ....................................................................................................................... 158 7.8.1 Module Stop Mode Setting ................................................................................... 158 7.8.2 On-Chip RAM ...................................................................................................... 158 7.8.3 DTCE Bit Setting.................................................................................................. 158 7.8.4 Setting Required on Entering Subactive Mode or Watch Mode ........................... 158 7.8.5 DTC Activation by Interrupt Sources of SCI, IIC, LPC, or A/D Converter ......... 158 Section 8 I/O Ports............................................................................................. 159 8.1 Port 1.................................................................................................................................. 164 8.1.1 Port 1 Data Direction Register (P1DDR).............................................................. 164 8.1.2 Port 1 Data Register (P1DR) ................................................................................ 165 8.1.3 Port 1 Pull-Up MOS Control Register (P1PCR)................................................... 165 8.1.4 Pin Functions ........................................................................................................ 166 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |