Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 63 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 59Page - Renesas Technology Corp H8S/2114R Datasheet HTML 60Page - Renesas Technology Corp H8S/2114R Datasheet HTML 61Page - Renesas Technology Corp H8S/2114R Datasheet HTML 62Page - Renesas Technology Corp H8S/2114R Datasheet HTML 63Page - Renesas Technology Corp H8S/2114R Datasheet HTML 64Page - Renesas Technology Corp H8S/2114R Datasheet HTML 65Page - Renesas Technology Corp H8S/2114R Datasheet HTML 66Page - Renesas Technology Corp H8S/2114R Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 15 of 986
REJ09B0098-0300
Type
Symbol
Pin No.
I/O
Name and Function
LAD3 to
LAD0
124 to 121 Input/
Output
Transfer cycle type, address, and data
input/output pins
LFRAME
125
Input
Input pin indicating transfer cycle start and forced
termination of an abnormal transfer cycle
LRESET
126
Input
LPC reset pin. When this pin is low, a reset state
is entered.
LCLK
127
Input
LPC clock input pin
SERIRQ
128
Input/
Output
LPC serial host interrupt (HIRQ1, SMI, HIRQ6, or
HIRQ9 to HIRQ12) input/output pin
LSCI
LSMI
PME
119
120
129
Input/
Output
General input/output ports of LSCI, LSMI, and
PME
GA20
130
Output
GATE A20 control signal output pin
CLKRUN
131
Input/
Output
LCLK operation start request input/output pin
LPCPD
132
Input
LPC module shutdown control input pin
LID3
32
Input
Input pin for setting host address 31
DLAD3 to
DLAD0
116 to 113 Input/
Output
LAD input/output pins for the docking LPC
DLFRAME 117
Output
LFRAME output pin for the docking LPC
DSERIRQ
136
Input/
Output
SERIRQ input/output pin for the docking LPC
DCLKRUN 137
Input/
Output
CLKRUN input/output pin for the docking LPC
LDRQ
88
Output
Encoded DMA request output pin for the docking
LPC
LPC
Interface
(LPC)
DLDRQ
87
Input
Encoded DMA request input pin for the docking
LPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com