Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 75 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 71Page - Renesas Technology Corp H8S/2114R Datasheet HTML 72Page - Renesas Technology Corp H8S/2114R Datasheet HTML 73Page - Renesas Technology Corp H8S/2114R Datasheet HTML 74Page - Renesas Technology Corp H8S/2114R Datasheet HTML 75Page - Renesas Technology Corp H8S/2114R Datasheet HTML 76Page - Renesas Technology Corp H8S/2114R Datasheet HTML 77Page - Renesas Technology Corp H8S/2114R Datasheet HTML 78Page - Renesas Technology Corp H8S/2114R Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 27 of 986
REJ09B0098-0300
2.4
Register Configuration
The H8S/2000 CPU has the internal registers shown in figure 2.6. These are classified into two
types of registers: general registers and control registers. Control registers refer to a 24-bit
program counter (PC), an 8-bit extended control register (EXR), and an 8-bit condition code
register (CCR).
TI2 I1 I0
EXR*
76543210
PC
23
0
15
0 7
0 7
0
E0
E1
E2
E3
E4
E5
E6
E7
R0H
R1H
R2H
R3H
R4H
R5H
R6H
R7H
R0L
R1L
R2L
R3L
R4L
R5L
R6L
R7L
SP
PC
EXR
T
I2 to I0
CCR
I
UI
: Stack pointer
: Program counter
: Extended control register
: Trace bit
: Interrupt mask bits
: Condition-code register
: Interrupt mask bit
: User bit or interrupt mask bit
: Half-carry flag
: User bit
: Negative flag
: Zero flag
: Overflow flag
: Carry flag
ER0
ER1
ER2
ER3
ER4
ER5
ER6
ER7 (SP)
IUI H U N ZV C
CCR
76543210
H
U
N
Z
V
C
General Registers (Rn) and Extended Registers (En)
Control Registers
Legend
----
Note: * Does not affect operation in this LSI.
Figure 2.6 CPU Internal Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com