Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 78 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 74Page - Renesas Technology Corp H8S/2114R Datasheet HTML 75Page - Renesas Technology Corp H8S/2114R Datasheet HTML 76Page - Renesas Technology Corp H8S/2114R Datasheet HTML 77Page - Renesas Technology Corp H8S/2114R Datasheet HTML 78Page - Renesas Technology Corp H8S/2114R Datasheet HTML 79Page - Renesas Technology Corp H8S/2114R Datasheet HTML 80Page - Renesas Technology Corp H8S/2114R Datasheet HTML 81Page - Renesas Technology Corp H8S/2114R Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 30 of 986
REJ09B0098-0300
2.4.4
Condition-Code Register (CCR)
This 8-bit register contains internal CPU status information, including an interrupt mask bit (I) and
half-carry (H), negative (N), zero (Z), overflow (V), and carry (C) flags.
Operations can be performed on the CCR bits by the LDC, STC, ANDC, ORC, and XORC
instructions. The N, Z, V, and C flags are used as branching conditions for conditional branch
(Bcc) instructions.
Bit
Bit Name
Initial Value
R/W Description
7
I
1
R/W Interrupt Mask Bit
Masks interrupts other than NMI when set to 1. NMI is
accepted regardless of the I bit setting. The I bit is set to 1
at the start of an exception-handling sequence. For details,
see section 5, Interrupt Controller.
6
UI
Undefined
R/W User Bit or Interrupt Mask Bit
Can be written to and read from by software using the
LDC, STC, ANDC, ORC, and XORC instructions.
5
H
Undefined
R/W Half-Carry Flag
When the ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B or
NEG.B instruction is executed, this flag is set to 1 if there is
a carry or borrow at bit 3, and cleared to 0 otherwise. When
the ADD.W, SUB.W, CMP.W, or NEG.W instruction is
executed, the H flag is set to 1 if there is a carry or borrow
at bit 11, and cleared to 0 otherwise. When the ADD.L,
SUB.L, CMP.L, or NEG.L instruction is executed, the H flag
is set to 1 if there is a carry or borrow at bit 27, and cleared
to 0 otherwise.
4
U
Undefined
R/W User Bit
Can be written to and read from by software using the
LDC, STC, ANDC, ORC, and XORC instructions.
3
N
Undefined
R/W Negative Flag
Stores the value of the most significant bit of data as a sign
bit.
2
Z
Undefined
R/W Zero Flag
Set to 1 when data is zero, and cleared to 0 when data is
not zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com