| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 46 Page - Renesas Technology Corp |
|
46 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xlvi of xlviii Table 13.2 Clock Input to TCNT and Count Condition (2).................................................... 387 Table 13.3 Registers Accessible by TMR_X/TMR_Y ........................................................... 396 Table 13.4 Input Capture Signal Selection ............................................................................. 405 Table 13.5 Interrupt Sources of 8-Bit Timers TMR_0, TMR_1, TMR_Y, and TMR_X ....... 406 Table 13.6 Timer Output Priorities......................................................................................... 410 Table 13.7 Switching of Internal Clocks and TCNT Operation ............................................. 411 Section 14 Watchdog Timer (WDT) Table 14.1 Pin Configuration.................................................................................................. 415 Table 14.2 WDT Interrupt Source .......................................................................................... 423 Section 15 Serial Communication Interface (SCI, IrDA) Table 15.1 Pin Configuration.................................................................................................. 430 Table 15.2 Relationships between N Setting in BRR and Bit Rate B..................................... 445 Table 15.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1) ...... 446 Table 15.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2) ...... 448 Table 15.4 Maximum Bit Rate for Each Frequency (Asynchronous Mode) .......................... 450 Table 15.5 Maximum Bit Rate with External Clock Input (Asynchronous Mode) ................ 450 Table 15.6 BRR Settings for Various Bit Rates (Clocked Synchronous Mode)..................... 451 Table 15.7 Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode) .... 452 Table 15.8 BRR Settings for Various Bit Rates (Smart Card Interface Mode, n = 0, s = 372) ........................................................ 452 Table 15.9 Maximum Bit Rate for Each Frequency (Smart Card Interface Mode, S = 372).................................................................. 452 Table 15.10 Serial Transfer Formats (Asynchronous Mode)................................................ 456 Table 15.11 SSR Status Flags and Receive Data Handling .................................................. 463 Table 15.12 IrCKS2 to IrCKS0 Bit Settings......................................................................... 495 Table 15.13 SCI Interrupt Sources........................................................................................ 496 Table 15.14 SCI Interrupt Sources........................................................................................ 497 Section 16 I2C Bus Interface (IIC) Table 16.1 Pin Configuration.................................................................................................. 509 Table 16.2 Communication Format ........................................................................................ 513 Table 16.3 I2C Transfer Rate .................................................................................................. 516 Table 16.4 Flags and Transfer States (Master Mode)............................................................. 522 Table 16.5 Flags and Transfer States (Slave Mode) ............................................................... 524 Table 16.6 I2C Bus Data Format Symbols.............................................................................. 536 Table 16.7 Operation by Using DTC...................................................................................... 566 Table 16.8 IIC Interrupt Sources ............................................................................................ 569 Table 16.9 I2C Bus Timing (SCL and SDA Outputs)............................................................. 570 Table 16.10 Permissible SCL Rise Time (tsr) Values ........................................................... 571 Table 16.11 I2C Bus Timing (with Maximum Influence of tSr/tSf)........................................ 572 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |