Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 79 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 75Page - Renesas Technology Corp H8S/2114R Datasheet HTML 76Page - Renesas Technology Corp H8S/2114R Datasheet HTML 77Page - Renesas Technology Corp H8S/2114R Datasheet HTML 78Page - Renesas Technology Corp H8S/2114R Datasheet HTML 79Page - Renesas Technology Corp H8S/2114R Datasheet HTML 80Page - Renesas Technology Corp H8S/2114R Datasheet HTML 81Page - Renesas Technology Corp H8S/2114R Datasheet HTML 82Page - Renesas Technology Corp H8S/2114R Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 31 of 986
REJ09B0098-0300
Bit
Bit Name
Initial Value
R/W Description
1
V
Undefined
R/W Overflow Flag
Set to 1 when an arithmetic overflow occurs, and cleared to
0 otherwise.
0
C
Undefined
R/W Carry Flag
Set to 1 when a carry occurs, and cleared to 0 otherwise.
Used by:
• Add instructions, to indicate a carry
• Subtract instructions, to indicate a borrow
• Shift and rotate instructions, to indicate a carry
The carry flag is also used as a bit accumulator by bit
manipulation instructions.
2.4.5
Initial Register Values
Reset exception handling loads the CPU's program counter (PC) from the vector table, clears the
trace (T) bit in EXR to 0, and sets the interrupt mask (I) bits in CCR and EXR to 1. The other
CCR bits and the general registers are not initialized. Note that the stack pointer (ER7) is
undefined. The stack pointer should therefore be initialized by an MOV.L instruction executed
immediately after a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com