| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xxiii of xlviii 15.10.3 Mark State and Break Sending.............................................................................. 498 15.10.4 Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only) ..................................................................... 498 15.10.5 Relation between Writing to TDR and TDRE Flag .............................................. 498 15.10.6 Restrictions on Using DTC................................................................................... 499 15.10.7 SCI Operations during Mode Transitions ............................................................. 499 15.10.8 Notes on Switching from SCK Pins to Port Pins .................................................. 503 Section 16 I 2C Bus Interface (IIC) .....................................................................505 16.1 Features.............................................................................................................................. 505 16.2 Input/Output Pins ...............................................................................................................509 16.3 Register Descriptions ......................................................................................................... 510 16.3.1 I 2C Bus Data Register (ICDR) .............................................................................. 510 16.3.2 Slave Address Register (SAR).............................................................................. 511 16.3.3 Second Slave Address Register (SARX) .............................................................. 512 16.3.4 I 2C Bus Mode Register (ICMR)............................................................................ 514 16.3.5 I 2C Bus Control Register (ICCR).......................................................................... 517 16.3.6 I 2C Bus Status Register (ICSR)............................................................................. 526 16.3.7 DDC Switch Register (DDCSWR) ....................................................................... 530 16.3.8 I 2C Bus Extended Control Register (ICXR).......................................................... 531 16.4 Operation ........................................................................................................................... 535 16.4.1 I 2C Bus Data Format ............................................................................................. 535 16.4.2 Initialization .......................................................................................................... 537 16.4.3 Master Transmit Operation ................................................................................... 537 16.4.4 Master Receive Operation..................................................................................... 541 16.4.5 Slave Receive Operation....................................................................................... 551 16.4.6 Slave Transmit Operation ..................................................................................... 559 16.4.7 IRIC Setting Timing and SCL Control ................................................................. 562 16.4.8 Operation by Using DTC ...................................................................................... 565 16.4.9 Noise Canceller..................................................................................................... 567 16.4.10 Initialization of Internal State ............................................................................... 568 16.5 Interrupt Sources................................................................................................................ 569 16.6 Usage Notes ....................................................................................................................... 570 16.6.1 Module Stop Mode Setting ................................................................................... 580 Section 17 Keyboard Buffer Control Unit (KBU).............................................581 17.1 Features.............................................................................................................................. 581 17.2 Input/Output Pins ...............................................................................................................584 17.3 Register Descriptions ......................................................................................................... 585 17.3.1 Keyboard Control Register 1 (KBCR1)................................................................ 585 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |