Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 49 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 45Page - Renesas Technology Corp H8S/2114R Datasheet HTML 46Page - Renesas Technology Corp H8S/2114R Datasheet HTML 47Page - Renesas Technology Corp H8S/2114R Datasheet HTML 48Page - Renesas Technology Corp H8S/2114R Datasheet HTML 49Page - Renesas Technology Corp H8S/2114R Datasheet HTML 50Page - Renesas Technology Corp H8S/2114R Datasheet HTML 51Page - Renesas Technology Corp H8S/2114R Datasheet HTML 52Page - Renesas Technology Corp H8S/2114R Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 1 of 986
REJ09B0098-0300
Section 1 Overview
1.1
Overview
• 16-bit high-speed H8S/2000 CPU
Upward-compatible with the H8/300 and H8/300H CPUs on an object level
Sixteen 16-bit general registers
65 basic instructions
• Various peripheral functions
Data transfer controller (DTC)
8-bit PWM timer (PWM)
14-bit PWM timer (PWMX)
16-bit timer pulse unit (TPU)
16-bit free-running timer (FRT)
8-bit timer (TMR)
Watchdog timer (WDT)
Asynchronous or clocked synchronous serial communication interface (SCI)
I
2C bus interface (IIC)
Keyboard buffer control unit (KBU)
LPC interface (LPC)
10-bit A/D converter
Boundary scan (JTAG)
Clock pulse generator
• On-chip memory
ROM Type
Model
ROM
RAM
Remarks
Flash memory
version
R4F2114R
1 Mbyte
8 kbytes
Being
developed
• General I/O ports
I/O pins: 106
Input-only pins: 13
• Supports various power-down states
• Compact package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com