| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 37 Page - Renesas Technology Corp |
|
37 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xxxvii of xlviii Figure 15.40 Switching from SCK Pins to Port Pins.................................................................. 503 Figure 15.41 Prevention of Low Pulse Output at Switching from SCK Pins to Port Pins.......... 504 Section 16 I2C Bus Interface (IIC) Figure 16.1 Block Diagram of I2C Bus Interface........................................................................ 507 Figure 16.2 I2C Bus Interface Connections (Example: This LSI as Master) .............................. 508 Figure 16.3 I2C Bus Data Format (I2C Bus Format)................................................................... 535 Figure 16.4 I2C Bus Data Format (Serial Format) ...................................................................... 535 Figure 16.5 I2C Bus Timing........................................................................................................ 536 Figure 16.6 Sample Flowchart for IIC Initialization................................................................... 537 Figure 16.7 Sample Flowchart for Operations in Master Transmit Mode .................................. 538 Figure 16.8 Example of Operation Timing in Master Transmit Mode (MLS = WAIT = 0)....... 540 Figure 16.9 Example of Stop Condition Issuance Operation Timing in Master Transmit Mode (MLS = WAIT = 0) ................................................................................................. 541 Figure 16.10 Sample Flowchart for Operations in Master Receive Mode (HNDS = 1) ............. 542 Figure 16.11 Example of Operation Timing in Master Receive Mode (MLS = WAIT = 0, HNDS = 1) ............................................................................ 544 Figure 16.12 Example of Stop Condition Issuance Operation Timing in Master Receive Mode (MLS = WAIT = 0, HNDS = 1) ............................................................................ 544 Figure 16.13 Sample Flowchart for Operations in Master Receive Mode (receiving multiple bytes) (WAIT = 1).................................................................. 546 Figure 16.14 Sample Flowchart for Operations in Master Receive Mode (receiving a single byte) (WAIT = 1) .................................................................... 547 Figure 16.15 Example of Master Receive Mode Operation Timing (MLS = ACKB = 0, WAIT = 1) ............................................................................ 550 Figure 16.16 Example of Stop Condition Issuance Timing in Master Receive Mode (MLS = ACKB = 0, WAIT = 1) ............................................................................ 550 Figure 16.17 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 1) ............... 552 Figure 16.18 Example of Slave Receive Mode Operation Timing (1) (MLS = 0, HNDS= 1) ... 554 Figure 16.19 Example of Slave Receive Mode Operation Timing (2) (MLS = 0, HNDS= 1) ... 555 Figure 16.20 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 0) ............... 556 Figure 16.21 Example of Slave Receive Mode Operation Timing (1) (MLS = ACKB = 0, HNDS = 0)............................................................................ 558 Figure 16.22 Example of Slave Receive Mode Operation Timing (2) (MLS = ACKB = 0, HNDS = 0)............................................................................ 558 Figure 16.23 Sample Flowchart for Slave Transmit Mode......................................................... 559 Figure 16.24 Example of Slave Transmit Mode Operation Timing (MLS = 0) ......................... 561 Figure 16.25 IRIC Setting Timing and SCL Control (1) ............................................................ 562 Figure 16.26 IRIC Setting Timing and SCL Control (2) ............................................................ 563 Figure 16.27 IRIC Setting Timing and SCL Control (3) ............................................................ 564 Figure 16.28 Block Diagram of Noise Canceller........................................................................ 567 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |