| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 31 Page - Renesas Technology Corp |
|
31 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xxxi of xlviii Figures Section 1 Overview Figure 1.1 H8S/2114R Group Internal Block Diagram .................................................................. 3 Figure 1.2 H8S/2114R Group Pin Arrangement (TFP-144)........................................................... 4 Figure 1.3 Sample Design of Reset Signals with no Affection Each Other.................................. 17 Section 2 CPU Figure 2.1 Exception Vector Table (Normal Mode)..................................................................... 23 Figure 2.2 Stack Structure in Normal Mode................................................................................. 23 Figure 2.3 Exception Vector Table (Advanced Mode)................................................................. 24 Figure 2.4 Stack Structure in Advanced Mode............................................................................. 25 Figure 2.5 Memory Map............................................................................................................... 26 Figure 2.6 CPU Internal Registers................................................................................................ 27 Figure 2.7 Usage of General Registers .........................................................................................28 Figure 2.8 Stack............................................................................................................................ 29 Figure 2.9 General Register Data Formats (1).............................................................................. 32 Figure 2.9 General Register Data Formats (2).............................................................................. 33 Figure 2.10 Memory Data Formats...............................................................................................34 Figure 2.11 Instruction Formats (Examples) ................................................................................ 47 Figure 2.12 Branch Address Specification in Memory Indirect Addressing Mode...................... 51 Figure 2.13 State Transitions ........................................................................................................ 55 Section 3 MCU Operating Modes Figure 3.1 Address Map ............................................................................................................... 68 Section 4 Exception Handling Figure 4.1 Reset Sequence (Mode 2)............................................................................................75 Figure 4.2 Stack Status after Exception Handling ........................................................................ 77 Figure 4.3 Operation when SP Value Is Odd................................................................................ 78 Section 5 Interrupt Controller Figure 5.1 Block Diagram of Interrupt Controller........................................................................ 80 Figure 5.2 Relation between IRQ7 and IRQ6 Interrupts, KIN15 to KIN0 Interrupts, WUE7 to WUE0 Interrupts, KMIMR, KMIMRA, and WUEMRB (H8S/2140B Group Compatible Vector Mode: EIVS = 0).......................................... 95 Figure 5.3 Relation between IRQ7 and IRQ6 Interrupts, KIN15 to KIN0 Interrupts, WUE7 to WUE0 Interrupts, KMIMR, KMIMRA, and WUEMRB (Extended Vector Mode: EIVS = 1) ............................................................................ 96 Figure 5.4 Block Diagram of Interrupts IRQ15 to IRQ0 ............................................................ 100 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |