Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 73 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 69Page - Renesas Technology Corp H8S/2114R Datasheet HTML 70Page - Renesas Technology Corp H8S/2114R Datasheet HTML 71Page - Renesas Technology Corp H8S/2114R Datasheet HTML 72Page - Renesas Technology Corp H8S/2114R Datasheet HTML 73Page - Renesas Technology Corp H8S/2114R Datasheet HTML 74Page - Renesas Technology Corp H8S/2114R Datasheet HTML 75Page - Renesas Technology Corp H8S/2114R Datasheet HTML 76Page - Renesas Technology Corp H8S/2114R Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 25 of 986
REJ09B0098-0300
The memory indirect addressing mode (@@aa:8) employed in the JMP and JSR instructions
uses an 8-bit absolute address included in the instruction code to specify a memory operand
that contains a branch address. In advanced mode, the operand is a 32-bit longword operand,
providing a 32-bit branch address. The upper eight bits of these 32 bits are a reserved area that
is regarded as H'00. Branch addresses can be stored in the area from H'00000000 to
H'000000FF. Note that the top area of this range is also used for the exception vector table.
• Stack structure
In advanced mode, when the program counter (PC) is pushed onto the stack in a subroutine
call, and the PC and condition-code register (CCR) are pushed onto the stack in exception
handling, they are stored as shown in figure 2.4. The extended control register (EXR) is not
pushed onto the stack. For details, see section 4, Exception Handling.
(a) Subroutine Branch
(b) Exception Handling
PC
(24-bit)
CCR
PC
(24-bit)
SP
SP
Reserved
Figure 2.4 Stack Structure in Advanced Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com