Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 97 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 93Page - Renesas Technology Corp H8S/2114R Datasheet HTML 94Page - Renesas Technology Corp H8S/2114R Datasheet HTML 95Page - Renesas Technology Corp H8S/2114R Datasheet HTML 96Page - Renesas Technology Corp H8S/2114R Datasheet HTML 97Page - Renesas Technology Corp H8S/2114R Datasheet HTML 98Page - Renesas Technology Corp H8S/2114R Datasheet HTML 99Page - Renesas Technology Corp H8S/2114R Datasheet HTML 100Page - Renesas Technology Corp H8S/2114R Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 49 of 986
REJ09B0098-0300
2.7.3
Register Indirect with Displacement—@(d:16, ERn) or @(d:32, ERn)
A 16-bit or 32-bit displacement contained in the instruction code is added to an address register
(ERn) specified by the register field of the instruction, and the sum gives the address of a memory
operand. A 16-bit displacement is sign-extended when added.
2.7.4
Register Indirect with Post-Increment or Pre-Decrement—@ERn+ or @-ERn
Register Indirect with Post-Increment—@ERn+: The register field of the instruction code
specifies an address register (ERn) which contains the address of a memory operand. After the
operand is accessed, 1, 2, or 4 is added to the address register contents and the sum is stored in the
address register. The value added is 1 for byte access, 2 for word access, and 4 for longword
access. For word or longword transfer instructions, the register value should be even.
Register Indirect with Pre-Decrement—@-ERn: The value 1, 2, or 4 is subtracted from an
address register (ERn) specified by the register field in the instruction code, and the result
becomes the address of a memory operand. The result is also stored in the address register. The
value subtracted is 1 for byte access, 2 for word access, and 4 for longword access. For word or
longword transfer instructions, the register value should be even.
2.7.5
Absolute Address—@aa:8, @aa:16, @aa:24, or @aa:32
The instruction code contains the absolute address of a memory operand. The absolute address
may be 8 bits long (@aa:8), 16 bits long (@aa:16), 24 bits long (@aa:24), or 32 bits long
(@aa:32). Table 2.12 indicates the accessible absolute address ranges.
To access data, the absolute address should be 8 bits (@aa:8), 16 bits (@aa:16), or 32 bits
(@aa:32) long. For an 8-bit absolute address, the upper 24 bits are all assumed to be 1 (H'FFFF).
For a 16-bit absolute address, the upper 16 bits are a sign extension. For a 32-bit absolute address,
the entire address space is accessed.
A 24-bit absolute address (@aa:24) indicates the address of a program instruction. The upper eight
bits are all assumed to be 0 (H'00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com