Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 72 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 68Page - Renesas Technology Corp H8S/2114R Datasheet HTML 69Page - Renesas Technology Corp H8S/2114R Datasheet HTML 70Page - Renesas Technology Corp H8S/2114R Datasheet HTML 71Page - Renesas Technology Corp H8S/2114R Datasheet HTML 72Page - Renesas Technology Corp H8S/2114R Datasheet HTML 73Page - Renesas Technology Corp H8S/2114R Datasheet HTML 74Page - Renesas Technology Corp H8S/2114R Datasheet HTML 75Page - Renesas Technology Corp H8S/2114R Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1038 page
background image
Section 2 CPU
Rev. 3.00 Jul. 14, 2005 Page 24 of 986
REJ09B0098-0300
2.2.2
Advanced Mode
• Address space
Linear access to a maximum address space of 16 Mbytes is possible.
• Extended registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers. They can also be used as the
upper 16-bit segments of 32-bit registers or address registers.
• Instruction set
All instructions and addressing modes can be used.
• Exception vector table and memory indirect branch addresses
In advanced mode, the top area starting at H'00000000 is allocated to the exception vector
table in 32-bit units. In each 32 bits, the upper eight bits are ignored and a branch address is
stored in the lower 24 bits (see figure 2.3). For details of the exception vector table, see section
4, Exception Handling.
H'00000000
H'00000003
H'00000004
H'0000000B
H'0000000C
H'00000010
H'00000008
H'00000007
Reserved
Reserved
Reserved
Reset exception vector
(Reserved for system use)
Exception vector table
Exception vector 1
(Reserved for system use)
Figure 2.3 Exception Vector Table (Advanced Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com