Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 60 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 56Page - Renesas Technology Corp H8S/2114R Datasheet HTML 57Page - Renesas Technology Corp H8S/2114R Datasheet HTML 58Page - Renesas Technology Corp H8S/2114R Datasheet HTML 59Page - Renesas Technology Corp H8S/2114R Datasheet HTML 60Page - Renesas Technology Corp H8S/2114R Datasheet HTML 61Page - Renesas Technology Corp H8S/2114R Datasheet HTML 62Page - Renesas Technology Corp H8S/2114R Datasheet HTML 63Page - Renesas Technology Corp H8S/2114R Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 12 of 986
REJ09B0098-0300
Type
Symbol
Pin No.
I/O
Name and Function
PW15 to
PW8
96 to 103
PWM timer
(PWM)
ExPW15 to
ExPW12
43 to 46
Output
PWM timer pulse output pins.
From which pin pulses are output can be selected
from the PWn and ExPWn pins.
(n = 15 to 12)
14-bit PWM
timer
(PWMX)
PWX1
PWX0
6
5
Output
PWMX pulse output pins
FTCI
78
Input
External event input pin
FTOA
FTOB
79
84
Output
Output compare output pins
16-bit free
running
timer (FRT)
FTIA to
FTID
80 to 83
Input
Input capture input pins
TCLKD
TCLKC
TCLKB
TCLKA
59
61
63
64
Input
Timer external clock input/output pins
TIOCA0
TIOCB0
TIOCC0
TIOCD0
66
65
64
63
Input/
Output
Input capture input/output compare output/PWM
output pins for TGRA_0 to TGRD_0
TIOCA1
TIOCB1
62
61
Input/
Output
Input capture input/output compare output/PWM
output pins for TGRA_1 and TGRB_1
16-bit timer
pulse unit
(TPU)
TIOCA2
TIOCB2
60
59
Input/
Output
Input capture input/output compare output/PWM
output pins for TGRA_2 and TGRB_2
TMO0
TMO1
TMOX
ExTMOX
TMOY
137
3
85
47
15
Output
Waveform output pins with output compare
function.
From which pin waveforms are output can be
selected from the TMOX and ExTMOX pins.
8-bit timer
(TMR_0,
TMR_1,
TMR_X,
TMR_Y)
TMCI0
TMCI1
ExTMCI0
ExTMCI1
136
2
58
57
Input
Input pins for the external clock input to the
counter. To which pin the external clock is input
can be selected from the TMCIn and ExTMCIn
pins.
(n = 1 or 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com