Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 58 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 54Page - Renesas Technology Corp H8S/2114R Datasheet HTML 55Page - Renesas Technology Corp H8S/2114R Datasheet HTML 56Page - Renesas Technology Corp H8S/2114R Datasheet HTML 57Page - Renesas Technology Corp H8S/2114R Datasheet HTML 58Page - Renesas Technology Corp H8S/2114R Datasheet HTML 59Page - Renesas Technology Corp H8S/2114R Datasheet HTML 60Page - Renesas Technology Corp H8S/2114R Datasheet HTML 61Page - Renesas Technology Corp H8S/2114R Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 10 of 986
REJ09B0098-0300
1.3.3
Pin Functions
Table 1.2
Pin Functions
Type
Symbol
Pin No.
I/O
Name and Function
VCC
1, 36,
86
Input
Power supply pins. Connect all these pins to the
system power supply. Connect the bypass
capacitor between VCC and VSS (near VCC).
VCL
13
Input
External capacitance pin for internal step-down
power. Connect this pin to VSS through an
external capacitor (that is located near this pin) to
stabilize internal step-down power.
Power
supply
VSS
7, 42,
95, 111,
139
Input
Ground pins. Connect all these pins to the system
power supply (0 V).
XTAL
143
Input
EXTAL
144
Input
For connection to a crystal resonator. An external
clock can be supplied from the EXTAL pin. For an
example of crystal resonator connection, see
section 23, Clock Pulse Generator.
φ
18
Output
Supplies the system clock to external devices.
EXCL
18
Input
ExEXCL
16
Input
32.768-kHz external clock for sub clock should be
supplied. To which pin the external clock is input
can be selected from the EXCL and ExEXCL
pins.
Clock
X2
X1
141
140
Input
These pins should be left open.
Operating
mode
control
MD2 MD1
MD0
25
9
10
Input
These pins set the operating mode. Inputs at
these pins should not be changed during
operation.
RES
8
Input
Reset pin. When this pin is low, the chip is reset.
RESO
142
Output
Outputs a reset signal to an external device.
STBY
12
Input
When this pin is low, a transition is made to
hardware standby mode.
System
control
FWE
26
Input
Control pin for use by flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com