| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2114R Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2114R Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 1038 page ![]() Rev. 3.00 Jul. 14, 2005 Page xxxv of xlviii Figure 12.51 Conflict between Buffer Register Write and Input Capture .................................. 374 Figure 12.52 Conflict between Overflow and Counter Clearing ................................................ 375 Figure 12.53 Conflict between TCNT Write and Overflow ....................................................... 376 Section 13 8-Bit Timer (TMR) Figure 13.1 Block Diagram of 8-Bit Timer (TMR_0 and TMR_1)............................................ 379 Figure 13.2 Block Diagram of 8-Bit Timer (TMR_Y and TMR_X) .......................................... 380 Figure 13.3 Pulse Output Example ............................................................................................. 397 Figure 13.4 Count Timing for Internal Clock Input.................................................................... 398 Figure 13.5 Count Timing for External Clock Input (Both Edges) ............................................ 398 Figure 13.6 Timing of CMF Setting at Compare-Match ............................................................ 399 Figure 13.7 Timing of Toggled Timer Output by Compare-Match A Signal............................. 399 Figure 13.8 Timing of Counter Clear by Compare-Match ......................................................... 400 Figure 13.9 Timing of Counter Clear by External Reset Input................................................... 400 Figure 13.10 Timing of OVF Flag Setting.................................................................................. 401 Figure 13.11 Timing of Input Capture Operation ....................................................................... 404 Figure 13.12 Timing of Input Capture Signal (Input capture signal is input during TICRR and TICRF read) ............................. 405 Figure 13.13 Conflict between TCNT Write and Clear.............................................................. 407 Figure 13.14 Conflict between TCNT Write and Count-Up....................................................... 408 Figure 13.15 Conflict between TCOR Write and Compare-Match ............................................ 409 Section 14 Watchdog Timer (WDT) Figure 14.1 Block Diagram of WDT .......................................................................................... 414 Figure 14.2 Watchdog Timer Mode (RST/ NMI = 1) Operation.................................................421 Figure 14.3 Interval Timer Mode Operation............................................................................... 421 Figure 14.4 OVF Flag Set Timing .............................................................................................. 422 Figure 14.5 Output Timing of RESO signal ...............................................................................422 Figure 14.6 Writing to TCNT and TCSR (WDT_0)................................................................... 424 Figure 14.7 Conflict between TCNT Write and Increment ........................................................ 425 Figure 14.8 Sample Circuit for Resetting the System by the RESO Signal................................426 Section 15 Serial Communication Interface (SCI, IrDA) Figure 15.1 Block Diagram of SCI............................................................................................. 429 Figure 15.2 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits) .................................................. 455 Figure 15.3 Receive Data Sampling Timing in Asynchronous Mode ........................................ 457 Figure 15.4 Relation between Output Clock and Transmit Data Phase (Asynchronous Mode) ............................................................................................. 458 Figure 15.5 Sample SCI Initialization Flowchart ....................................................................... 459 Figure 15.6 Example of Operation in Transmission in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit) .................................................... 460 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |