Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 64 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 60Page - Renesas Technology Corp H8S/2114R Datasheet HTML 61Page - Renesas Technology Corp H8S/2114R Datasheet HTML 62Page - Renesas Technology Corp H8S/2114R Datasheet HTML 63Page - Renesas Technology Corp H8S/2114R Datasheet HTML 64Page - Renesas Technology Corp H8S/2114R Datasheet HTML 65Page - Renesas Technology Corp H8S/2114R Datasheet HTML 66Page - Renesas Technology Corp H8S/2114R Datasheet HTML 67Page - Renesas Technology Corp H8S/2114R Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 16 of 986
REJ09B0098-0300
Type
Symbol
Pin No.
I/O
Name and Function
P17 to P10
104 to 110, 112
Input/
Output
Eight input/output pins
P27 to P20
96 to 103
Input/
Output
Eight input/output pins
P37 to P30
128 to 121
Input/
Output
Eight input/output pins
P47 to P40
6 to 2,
138 to 136
Input/
Output
Eight input/output pins
P52 to P50
14 to 16
Input/
Output
Three input/output pins
P67 to P60
85 to 78
Input/
Output
Eight input/output pins
P77 to P70
75 to 68
Input
Eight input pins
P86 to P80
135 to 129
Input/
Output
Seven input/output pins
P97 to P90
17 to 24
Input/
Output
Eight input/output pins
PA7 to PA0 33 to 35,
37 to 41
Input/
Output
Eight input/output pins
PB7 to PB0 113 to 120
Input/
Output
Eight input/output pins
PC7 to PC0 87 to 94
Input/
Output
Eight input/output pins
PD7 to PD0 59 to 66
Input/
Output
Eight input/output pins
PE4 to
PE0*
1
28 to 32
Input
Five input pins
PF7 to PF0 43 to 50
Input/
Output
Eight input/output pins
I/O ports
PG7 to PG0 51 to 58
Input/
Output
Eight input/output pins
Notes: 1. Pins PE4 to PE1 are not supported by the system development tool (emulator).
2. Following precautions are required on the power-on reset signal that is applied to the
ETRST pin.
The reset signal should be applied on power supply.
Apart the power on reset circuit from this LSI to prevent the
ETRST pin of the board
tester from affecting the operation of this LSI.
Apart the power on reset circuit from this LSI to prevent the system reset of this LSI
from affecting the ETRST pin of the board tester.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com