Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 59 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 55Page - Renesas Technology Corp H8S/2114R Datasheet HTML 56Page - Renesas Technology Corp H8S/2114R Datasheet HTML 57Page - Renesas Technology Corp H8S/2114R Datasheet HTML 58Page - Renesas Technology Corp H8S/2114R Datasheet HTML 59Page - Renesas Technology Corp H8S/2114R Datasheet HTML 60Page - Renesas Technology Corp H8S/2114R Datasheet HTML 61Page - Renesas Technology Corp H8S/2114R Datasheet HTML 62Page - Renesas Technology Corp H8S/2114R Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 11 of 986
REJ09B0098-0300
Type
Symbol
Pin No.
I/O
Name and Function
NMI
11
Input
Nonmaskable interrupt request input pin
IRQ15 to
IRQ0
17, 19,
20, 21,
47 to 50,
85, 84, 135,
134, 133,
24, 23, 22
Interrupts
ExIRQ15
to
ExIRQ0
51
to
58
138
14
73
to
68
Input
These pins request a maskable interrupt.
To which pin an IRQ interrupt is input can be
selected from the
IRQn and ExIRQn pins.
(n = 15 to 0)
ETRST*2
27
Input
ETMS
28
Input
ETDO
29
Output
ETDI
30
Input
Boundary
scan
(JTAG)
ETCK
31
Input
Interface pins for boundary scan
Reset by holding the
ETRST pin to low
regardless of the JTAG activation. At this time,
the
ETRST pin should be held low for 20 clocks
of ETCK. For details, see section 26, Electrical
Characteristics. Then, to activate the JTAG, the
ETRST pin should be set to high and the pins
ETCK, ETMS, and ETDI should be set
appropriately. When in the normal operation
without activating the JTAG, pins
ETRST, ETCK,
ETMS, and ETDI are set to high or high-
impedance. As these pins are pulled up inside
the chip, take care during standby state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com