Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2114R Datasheet(PDF) 61 Page - Renesas Technology Corp

No. de pieza H8S/2114R
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 57Page - Renesas Technology Corp H8S/2114R Datasheet HTML 58Page - Renesas Technology Corp H8S/2114R Datasheet HTML 59Page - Renesas Technology Corp H8S/2114R Datasheet HTML 60Page - Renesas Technology Corp H8S/2114R Datasheet HTML 61Page - Renesas Technology Corp H8S/2114R Datasheet HTML 62Page - Renesas Technology Corp H8S/2114R Datasheet HTML 63Page - Renesas Technology Corp H8S/2114R Datasheet HTML 64Page - Renesas Technology Corp H8S/2114R Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1038 page
background image
Section 1 Overview
Rev. 3.00 Jul. 14, 2005 Page 13 of 986
REJ09B0098-0300
Type
Symbol
Pin No.
I/O
Name and Function
TMRI0
TMRI1
138
4
Input
External event input pin and counter reset input
pin
8-bit timer
(TMR_0,
TMR_1,
TMR_X,
TMR_Y)
TMIX
TMIY
ExTMIX
ExTMIY
78
80
56
55
Input
External event input pins and counter reset input
pins. To which pin an external event or counter
reset is input can be selected from the TMIn and
ExTMIn pins.
(n = X or Y)
TxD1
TxD2
133
136
Output
Transmit data output pins
RxD1
RxD2
134
137
Input
Receive data input pins
Serial
communi-
cation
interface
(SCI_1,
SCI_2)
SCK1
SCK2
135
138
Input/
Output
Clock input/output pins. Output type is NMOS
push-pull output.
IrTxD
133
Output
Encoded data output pin for IrDA
SCI with
IrDA (SCI)
IrRxD
134
Input
Encoded data input pin for IrDA
SCL0
SCL1
ExSCLA
ExSCLB
14
135
53
51
Input/
Output
I
2C clock input/output pins. These pins can drive
a bus directly with the NMOS open drain output.
To which pin the I
2C clock is input or output can
be selected from the SCLn, ExSCLA, and
ExSCLB pins.
(n = 1 or 0)
I
2C bus
interface
(IIC)
SDA0
SDA1
ExSDAA
ExSDAB
17
138
54
52
Input/
Output
I
2C data input/output pins. These pins can drive a
bus directly with the NMOS open drain output. To
which pin the I
2C data is input or output can be
selected from the SDAn, ExSDAA, and ExSDAB
pins.
(n = 1 or 0)
PS2AC
PS2BC
PS2CC
39
37
34
Input/
Output
Synchronous clock input/output pins for the
keyboard buffer control unit
Keyboard
buffer
control unit
(KBU)
PS2AD
PS2BD
PS2CD
38
35
33
Input/
Output
Data input/output pins for the keyboard buffer
control unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com